Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN232 Datasheet(PDF) 4 Page - Microchip Technology

Part # AN232
Description  Low Frequency Magnetic Transmitter Design
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN232 Datasheet(HTML) 4 Page - Microchip Technology

  AN232 Datasheet HTML 1Page - Microchip Technology AN232 Datasheet HTML 2Page - Microchip Technology AN232 Datasheet HTML 3Page - Microchip Technology AN232 Datasheet HTML 4Page - Microchip Technology AN232 Datasheet HTML 5Page - Microchip Technology AN232 Datasheet HTML 6Page - Microchip Technology AN232 Datasheet HTML 7Page - Microchip Technology AN232 Datasheet HTML 8Page - Microchip Technology AN232 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN232
DS00232A-page 4
 2002 Microchip Technology Inc.
FIGURE 4:
FREQUENCY RESPONSE CURVE FOR RESONANT TANK CIRCUIT
MANUFACTURING TOLERANCES
A good rule of thumb is to stay within the -3 dB limits,
giving component tolerances by Equation 5.
EQUATION 5:
TCAP and TIND are the individual manufacturing toler-
ances for capacitance and inductance. For 2% parts, a
Q of 20 works very well. Lower tolerance components
may be used at the expense of sensitivity, and thus
yielding a lower range. The corresponding final design
must accommodate a wider bandwidth and will,
therefore, have a lower response.
Data Formats
In designing a LFMC system, one has the choice of
implementing any one of a large variety of modulation
formats. On-Off Keying (OOK) lends itself well to real-
izing a practical and reliable system. With OOK, the
signal is modulated by simply turning the field
generation source on and off, depending on a chosen
data format.
An example of a half bridge drive systems dynamic
response is shown in Figure 5. Figure 5 shows the
typical response when turning a tank circuit on (i.e.,
applying a drive signal) and, after some time, switching
the tank off again. It can be seen that the oscillations
amplitude increases rapidly upon start-up. It then
increases up to a maximum amplitude as predicted by
Equation 4. There is some finite time required for the
tank to start-up and reach the eventual maximum
amplitude. There is similarly a finite time required for
the tank oscillations to decrease to some desired level.
The rise and fall times will be the predominant factors
in choosing a baud rate. Other factors are more con-
cerned with receiver design and choice of AGC (Auto-
matic Gain Control) topology. LFte is the elemental
period used in LF communication, and a practical value
is 400
µs or longer.
The Manchester, PWM, and PPM data formats are
shown in Figure 6. Manchester has the advantage of
having a constant duty cycle and more efficient data
rate. PWM encoding, on the other hand, simplifies the
receiver decoding and improves the bit error rate.
When designing an LFMC system, one should keep in
mind that it will be exposed to noisy environments. It is
a good idea to incorporate some error correction and
detection scheme upon implementing a communica-
tion protocol.
0
5
10
15
20
25
F (Hz)
Vo
-3dB
F0
F1
F2
Serial
IM = VS/R
I
M
2
-------
ω1
ω0
ω2
ind
cap
T
T
Q
+
≤
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com