Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F103AAASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F103AAASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F103AAASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F103AAASP Datasheet HTML 1Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 2Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 3Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 4Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 5Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 6Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 7Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 8Page - Renesas Technology Corp R5F103AAASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 3 of 109
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G12
R 5 F 1 0 2 A A A x x x S P #V0
Package type:
ROM number (Omitted with blank products)
ROM capacity:
RL78/G12 group
Renesas MCU
Renesas semiconductor product
SM: TSSOP, 0.65-mm pitch
SP: LSSOP, 0.65-mm pitch
NA: HWQFN, 0.50-mm pitch
#U5, #05, #25, #65: Tray (HWQFN)
#V0, #10, #30 #70: Tray (LSSOP30)
#V5: Tube (LSSOP20)
#15, #75: Tray (TSSOP20)
#35: Tray (TSSOP20), Tube (LSSOP20)
#W5, #45: Embossed Tape (HWQFN)
#X0, #50: Embossed Tape (LSSOP30)
#X5: Embossed Tape (LSSOP20)
#55: Embossed Tape (LSSOP20, TSSOP20)
#5F: Embossed Tape (TSSOP20)
#9F: Tube (TSSOP20)
6:
2 KB
7:
4 KB
8:
8 KB
9:
12 KB
A:
16 KB
Pin count:
6:
20-pin
7:
24-pin
A:
30-pin
Fields of application:
A:
Consumer applications, TA = -40°C to +85°C
D:
Industrial applications, TA = -40°C to +85°C
G:
Industrial applications, TA = -40°C to +105°C
Memory type:
F:
Flash memory
Packaging specifications:
102Note 1
103
Notes 1, 2
Ordering part number
Product name
Notes 1.
For details about the differences between the R5F102 products and the R5F103 products of RL78/G12,
see 1.3 Differences between the R5F102 Products and the R5F103 Products.
2.
Products only for “A: Consumer applications (TA = -40 to +85°C)” and “D: Industrial applications (TA = -40 to
+85°C)”
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com