Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10366ASM Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # R5F10366ASM
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASM Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button R5F10366ASM Datasheet HTML 32Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 33Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 34Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 35Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 36Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 37Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 38Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 39Page - Renesas Technology Corp R5F10366ASM Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 36 of 109
Remarks 1. p: CSI number (p = 00, 01, 11, 20), m: Unit number (m = 0, 1), n: Channel number (n = 0, 1, 3: “1, 3” is
only for the R5F102 products.)
2. fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the serial clock select register m (SPSm) and the CKSmn bit of serial mode
register mn (SMRmn). m: Unit number (m = 0, 1), n: Channel number (n = 0, 1, 3: “1, 3” is only for the
R5F102 products.))
(5) During communication at same potential (simplified I2C mode)
(TA = –40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
LS (low-speed main) Mode
Unit
MIN.
MAX.
SCLr clock frequency
fSCL
1.8 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
400 Note 1
kHz
1.8 V
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
300 Note 1
kHz
Hold time when SCLr = “L”
tLOW
1.8 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
ns
1.8 V
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1550
ns
Hold time when SCLr = “H”
tHIGH
1.8 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1150
ns
1.8 V
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1550
ns
Data setup time (reception)
tSU:DAT
1.8 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK + 145 Note 2
ns
1.8 V
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK + 230 Note 2
ns
Data hold time (transmission)
tHD:DAT
1.8 V
≤ VDD ≤ 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
0
355
ns
1.8 V
≤ VDD < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
0
405
ns
Notes 1.
The value must be equal to or less than fMCK/4.
2.
Set tSU:DAT so that it will not exceed the hold time when SCLr = “L” or SCLr = “H”.
Caution Select the N-ch open drain output (VDD tolerance) mode for SDAr by using port output mode register
h (POMh).
(Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com