Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTSTE01 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTSTE01
Description  TCXO/ VCTCXO housed in a Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTSTE01 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTSTE01 Datasheet HTML 1Page - Advanced Crystal Technology ACTSTE01 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10~35MHz
Clipped Sine Please specify
2mA max
3.0mA max
Rise and Fall times
tr/tf
5ns max
4ns max
Δfo/V
0.8V p-p ±5%
1.0V p-p ±5%
VOL
10%of VDD max
VOH
90%of VDD min
VOL
2.4Vdc min
VOH
0.4Vdc max
Adjustment
10TTL/15pF
Table 1
Please note that all parameters can not necessarily be specified in the same device
Condition
Storage Temp Range
,-40 ~ 85°C
Please refer to Table 1
Topr
Tstg
Δf/fo
±1.0ppm max
3.3VDC ±5%
5.0VDC±5%
∗
∗
HCMOS/TTL Please specify
VCTCXO Only
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Temp Operating Range
Frequency Range
fo
1.20~44.545MHz
The ACT STEO1 is a TCXO/ VCTCXO housed in a Surface Mount package,
offering good reliability at reasonable cost across a frequency range of 1.20 to
44.545MHz. Internal ( Trimmer ) adjustment is available.Applications include
Communications, Instrumentation, GPS, Measurement and many more.
Output is available as TTL/CMOS and Clipped Sinewave.
ACTSTE01 - VCTCXO / TCXO
Please refer to Table 1
Frequency Stability
vs Operating Temp.
-40 ~ 85°C
TTL
HCMOS
Δfc
±3ppm min
Internal trimmer
Output Load
N/CL
VCTCXO Only Specify
∗∗
-40 ~ 80°C
0 ~ 50°C
-10 ~ 60°C
-10 ~ 70°C
-20 ~ 70°C
-30 ~ 60°C
-30 ~ 70°C
-30 ~ 75°C
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
VCTCXO Only
∗
∗
∗
±5.0
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
∗
±0.3ppm max
±0.3ppm max
Specification
Parameter
Symbol
Specification
vs Load
vs Input Voltage
Δf/N/CL
Δf/Vdd
20mA max
25mA max
1.65VDC ± 1.65V
2.5VDC ± 2.0V
±5ppm or 10ppm min
Frequency Adjustment (pin2)
Linearity/Slope
4% typical 5% max / Positive slope
Supply Current
Iop
Vout
Aging
Supply Voltage
Output Voltage
Fa
Vdd
Voltage Control (pin2)
Vc
Mechanical Frequency
10K
Ω//10pF
Stability
Temp
±3.5
60/40% 55/45% option
±2.0
±2.5
±3.0
Duty Cycle
∗
Customer to specify : Frequency, Output, Supply Voltage, Frequency Stability, Operating Temperature Range, Polarity & Package
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
±4.5
∗
∗
∗
∗
∗
∗
±1.0
±4.0
±1.5
∗
∗
∗
∗
HCMOS/TTL
Clipped Sine
Clipped Sine
ppm
HCMOS/TTL
∗
∗
∗
Please specify
Per year
Please specify
HCMOS/TTL
Clipped Sine
Please specify
HCMOS/TTL Please specify
Issue: 5 SK
Date: 20/3/06
1 of 2


Similar Part No. - ACTSTE01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00D INTERSIL-ACTS00D Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00DMSR INTERSIL-ACTS00DMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00HMSR INTERSIL-ACTS00HMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00K INTERSIL-ACTS00K Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS00KMSR INTERSIL-ACTS00KMSR Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
More results

Similar Description - ACTSTE01

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECVT400 ECM-ECVT400 Datasheet
120Kb / 1P
Surface Mount VCTCXO
ECVT496 ECM-ECVT496 Datasheet
94Kb / 1P
Surface Mount VCTCXO
ECVT-560 ECM-ECVT-560 Datasheet
67Kb / 1P
Surface Mount VCTCXO
ECVT600 ECM-ECVT600 Datasheet
71Kb / 1P
Surface Mount VCTCXO
ECVT8120 ECM-ECVT8120 Datasheet
137Kb / 1P
Surface Mount VCTCXO
logo
Advanced Crystal Techno...
ACT382T-6 ACT-ACT382T-6 Datasheet
41Kb / 1P
low cost TCXO housed in a gull winged, surface mount metal
11/08/04
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
logo
Fox Electronics
FOX923 FOX-FOX923 Datasheet
75Kb / 1P
3.0V Surface Mount TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com