Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1489 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MC1489
Description  QUAD LINE RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1489 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MC1489 Datasheet HTML 2Page - STMicroelectronics MC1489 Datasheet HTML 3Page - STMicroelectronics MC1489 Datasheet HTML 4Page - STMicroelectronics MC1489 Datasheet HTML 5Page - STMicroelectronics MC1489 Datasheet HTML 6Page - STMicroelectronics MC1489 Datasheet HTML 7Page - STMicroelectronics MC1489 Datasheet HTML 8Page - STMicroelectronics MC1489 Datasheet HTML 9Page - STMicroelectronics MC1489 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MC1489/MC1489A
6/13
TYPICAL APPLICATIONS:
Figure 7 : RS232C Data Transmission
TYPICAL CHARACTERISTICS VS =5V, Tamb = 25°C, unless otherwise specified
Figure 8 : Input Current vs Input Voltage
Figure 9 : MC1489 Input Threshold Voltage
Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com