Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTX851 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ZTX851
Description  isc Silicon NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ZTX851 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ZTX851 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ZTX851 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ZTX851 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Transistor
ZTX851
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
BVCBO
Collector-base breakdown voltage
IC=0.1mA,IE=0A
150
--
V
BVCEO
Collector-emitter breakdown voltage
IC=10mA,IB=0A
60
--
V
BVEBO
Emitter-base breakdown voltage
IE=0.1mA,IC=0A
6
--
V
ICBO
Collector Cutoff Current
VCB=120V,IE=0A
--
50
nA
IEBO
Emitter Cutoff Current
VEB=6V,IC=0A
--
10
nA
VBE(sat)
Base-to-Emitter Saturation Voltage
IC=4A,IB=0.2A
--
1050
mV
VBE(on)
Base-to-Emitter on Voltage
IC=4A,VCE=1V
--
950
mV
VCE(sat)
Collector-to-Emitter Saturation Voltage
IC=0.1A,IB=5mA
--
50
mV
IC=1A,IB=50mA
--
100
mV
IC=2A,IB=50mA
--
150
mV
IC=5A,IB=0.2A
--
250
mV
hFE
DC current transfer ratio
VCE=1V,IC=10mA
100
--
--
VCE=1V,IC=2A
100
300
--
VCE=1V,IC=5A
75
--
--



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com