Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GW-KAFFBA-CM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GW-KAFFBA-CM
Description  SOLERIQ™ S 9
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KAFFBA-CM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GW-KAFFBA-CM Datasheet HTML 1Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 2Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 3Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 4Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 5Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 6Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 7Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 8Page - ams-OSRAM AG GW-KAFFBA-CM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
GW KAFFBA.CM
DATASHEET
DATASHEET
3 | Version 1.8 | 2026-05-05
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 300 mA
Φ
V
GW KAFFBA.CM-RPSP-27S3
2700 K
1120 ... 1940 lm
Q65113A2143
GW KAFFBA.CM-RQSP-30S3
3000 K
1210 ... 1940 lm
Q65113A0937
GW KAFFBA.CM-RQSP-35S3
3500 K
1210 ... 1940 lm
Q65113A0936
GW KAFFBA.CM-RQSP-40S3
4000 K
1210 ... 1940 lm
Q65113A0935
GW KAFFBA.CM-RQSP-50S3
5000 K
1210 ... 1940 lm
Q65113A0934



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com