Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3403 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC3403
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3403 Datasheet(HTML) 3 Page - STMicroelectronics

  MC3403 Datasheet HTML 1Page - STMicroelectronics MC3403 Datasheet HTML 2Page - STMicroelectronics MC3403 Datasheet HTML 3Page - STMicroelectronics MC3403 Datasheet HTML 4Page - STMicroelectronics MC3403 Datasheet HTML 5Page - STMicroelectronics MC3403 Datasheet HTML 6Page - STMicroelectronics MC3403 Datasheet HTML 7Page - STMicroelectronics MC3403 Datasheet HTML 8Page - STMicroelectronics MC3403 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb = +25oC, (unless otherwise specified)
Symbol
Parameter
MC3303 - MC3403
MC3503
Unit
Min.
Typ.
Max.
VIO
Input Offset Voltage (RS
≤ 10kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
15
6
mV
IIO
Input Offset Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
250
200
nA
Iib
Input Bias Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
40
500
800
nA
Avd
Large Signal Voltage Gain (VO =
±10V, RL = 2kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current, all Amp, no Load
Tamb = 25
oC
MC3503
Tmin.
≤ Tamb ≤ Tmax.
MC3503
2.8
7
4
8
5
mA
Vicm
Input Common Mode Voltage Range
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
– 15
– 15
+ 13
+ 13
V
CMR
Common Mode Rejection Ratio (RS
≤ 10kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
70
70
90
dB
IOS
Output Short-circuit Current
10
30
45
mA
± Vopp
Output Voltage Swing
Tamb = 25
oCRL = 10kΩ
RL = 2k
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 2k
Ω
RL = 10k
Ω
12
10
10
12
13.5
13
V
SR
Slew Rate (VI =
±10V RL = 2kΩ, CL = 100pF,
Tamb = 25
oC, unity gain)
0.35
0.5
V/
µs
tr, tf
Rise Time and Fall Time (VO =
± 20mV, RL = 2kΩ, CL = 100pF
Tamb = 25
oC, unity gain)
0.18
µs
KOV
Overshoot (VI =
± 20mV, RL = 2kΩ, CL = 100pF,
Tamb = 25
oC, unity gain)
10
%
ZI
Input Impedance
0.3
1
M
Ω
ZO
Output Impedance
75
Ω
Bom
Power Bandwidth (RL = 2k
Ω, CL = 100pF, Av = 1, Tamb = 25oC,
VO = 2Vpp, THD
≤ 5%)
9
kHz
B
Unity Gain Bandwidth (VO = 10mV, RL = 2k
Ω, CL = 100pF,
Tamb = 25
oC, unity gain)
1
MHz
GBP
Gain Bandwidth Product (VO = 10mV, RL = 2k
Ω, CL = 100pF,
f = 100kHz, Tamb = 25
oC)
0.7
1
MHz
THD
Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL = 2k
Ω,
VO = 2Vpp, CL = 100pF, Tamb = 25
oC)
0.02
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100
Ω)43
nV
√
Hz
MC3303 - MC3403 - MC3503
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com