Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD60 Datasheet(PDF) 3 Page - LightGraphix

Part # LD60
Description  MINIATURE LED UPLIGHT AND WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD60 Datasheet(HTML) 3 Page - LightGraphix

  LD60 Datasheet HTML 1Page - LightGraphix LD60 Datasheet HTML 2Page - LightGraphix LD60 Datasheet HTML 3Page - LightGraphix LD60 Datasheet HTML 4Page - LightGraphix LD60 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD60
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 5 | Data sheet issued: 8 April 2026
Data sheet issued: 8 April 2026 | Issue 1
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
AVAILABLE FINISHES
Please refer to our finishes guide for full details
316 STAINLESS STEEL
POLISHED & PASSIVATED
316 STAINLESS STEEL
FLAMED SOLID BRONZE
>
Marine grade 316 Steel
>
Standard machined finish
>
Extremely durable with very high
corrosion resistance
>
Passivation recommended for marine
environments to prevent corrosion and
build up of brown stains caused by
oxidation
>
Interior & exterior use
>
Marine Grade 316 Steel
>
Mirror like finish
>
Extremely durable with very high
corrosion resistance
>
Passivated to extensively prolong
resistance to corrosion and brown
stains caused by oxidation in marine
environments
>
Interior & exterior use
PAINT FINISH - WET SPRAY
>
White (RAL 9016), Black (RAL 9005),
Antique Bronze, Satin Antique Brass,
Satin Brass, Anthracite Grey (7016)
or any RAL colour available
>
Not recommended for footlights in
high traffic areas
>
Interior & exterior use
>
Solid Bronze
>
Hand finished Flamed Bronze unique to
LightGraphix
>
Extremely durable with very high
corrosion resistance.
>
Please note a natural dark patination
layer will form after long term exposure
to the elements, the extent of this
discolouration will be dependant on
its location.
>
Interior & exterior use
Dimensions in mm
DIMENSIONS & FIXING OPTIONS
/SC Spring clip fixing
Useful for most wall mounted applications
/480GT Ground tube
The in-ground tube has been designed for applications where a recessed uplighter is
required in soil or gravel surfaces. The tube can be buried with the necessary wiring,
and then the fitting installed after the landscaping work has been completed. It is
supplied with the fixing sleeve bonded into the tube, and can be cut down on site.
/480 O-rings and sleeve
A more robust and water tight method of fixing, for wet areas
Ø44
2.4
30
Ø28
40
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.4
30
Cut-Out
Ø32
40
/SC Spring Clips
Ø44
Ø28
2.4
30
Cut-Out
Ø32
40
/480 Fixing Sleeve with ‘O’ rings
Ø44
Ø44
30
40
Cut-out
Ø32
Ø28
2.4
Ø44
2.4
30
Ø28
40
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.4
30
Cut-Out
Ø32
40
/SC Spring Clips
Ø44
Ø28
2.4
30
Cut-Out
Ø32
40
/480 Fixing Sleeve with ‘O’ rings
Ø44
Ø44
30
Cut-out
Ø32
2.4
40
Ø44
2.4
30
Ø28
40
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.4
30
Cut-Out
Ø32
40
/SC Spring Clips
Ø44
Ø28
2.4
30
Cut-Out
Ø32
40
/480 Fixing Sleeve with ‘O’ rings
Ø44
Ø52
Ø34
Ø81
/484GT
In-ground Tube
25
25
25
Ø36.6
Ø50
Ø83.3
200
220
300
0.8
0.8
0.75
/476GT
In-ground Tube
/480GT
In-ground Tube
0.8
200
Ø37
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com