Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD95 Datasheet(PDF) 1 Page - LightGraphix

Part # LD95
Description  Miniature Floor or Ceiling Mounted Spotlight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD95 Datasheet(HTML) 1 Page - LightGraphix

  LD95 Datasheet HTML 1Page - LightGraphix LD95 Datasheet HTML 2Page - LightGraphix LD95 Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 1
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 11 April 2022
LD95
Miniature Floor or Ceiling Mounted Spotlight
LD95 is a miniature floor or ceiling mounted spotlight. It has been designed for
applications where a recessed fitting cannot be installed, and a discreet, non
obtrusive solution is required. It features a deep recessed LED and optional glare
shield, removing the need for a large cowl. Using the latest in LED technology,
with a typical 93 CRI in 3000K warm white, the LD95 offers an excellent diffused
beam shape from a range of optics. The LD95 incorporates an integral anti-
wicking barrier for added protection and is available with a choice of switch,
0-10V, DMX, Dali or mains dimmable remote drivers.
Key Features
Specification
Miniature design with high output LED
Excellent diffused beam shape from a range of optics
Optional glare shield accessory
Typical 93 CRI in 3000K warm white
Integral anti-wicking barrier provides increased protection against moisture
Range of finishes available
Variable output options
Machined from a solid billet of aluminium
Reverse polarity protection
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
-
-
-
-
-
-
-
-
-
-
700
mA
Applications
Beam Angles
12°, 31°, 48°, 12° x 36°
LED type
1 x C1 Engine with NICHIA LED
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Drive Current (mA)
350
500
700
LED power* (W)
1.2W
1.7W
2.4W
CRI (typical)
93
93
93
Forward voltage (V)100
3.0V
3.2V
3.4V
Delivered lumens** (L100) 106
138
177
Lumens per circuit watt
88
81
74
LED lifetime
L90B5 at 90,000hrs
Materials
Machined and iridited aluminium body, with a
black anodised bezel
Glass
1mm thick low iron glass
Wiring
Comes pre-wired with a 1m lead,
can be specified with up to 10m at extra cost
IP rating
IP66
*LED wattage includes losses associated with using an 85% efficient driver
** Lumen output data applies to all colour temperatures.
Dimensions
Side View
1:1 Scale for
CAD Download
12
16.8
Ø39
9
12
50
Top View
1:1 Scale for
CAD Download
12
16.8
Ø39
9
1:1 Scale for
CAD Download
12
16.8
Ø39
9
Ø39
16.8
1:1 Scale for
CAD Download
12
16.8
Ø39
99
Mounting plate
IP66


Similar Part No. - LD95

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9532 LEADTREND-LD9532 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GM7 LEADTREND-LD9532GM7 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9532GN LEADTREND-LD9532GN Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
LD9535 LEADTREND-LD9535 Datasheet
978Kb / 16P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV.00
LD9535C LEADTREND-LD9535C Datasheet
1Mb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results

Similar Description - LD95

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
Ceiling mount
SR150 LUMINIS-SR150 Datasheet
301Kb / 4P
Ceiling mount
TR15 LUMINIS-TR15 Datasheet
131Kb / 3P
Ceiling mount
TR25 LUMINIS-TR25 Datasheet
140Kb / 3P
Ceiling mount
logo
List of Unclassifed Man...
CM0203F2102806 ETC2-CM0203F2102806 Datasheet
1Mb / 10P
Ceiling-mounted 3dBi Wide-band Antenna 700MHz to 6GHz
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
Taoglas antenna solutio...
CM.02.03F21.02806 TAOGLAS-CM.02.03F21.02806_17 Datasheet
758Kb / 11P
CEILING-MOUNTED 3DBI WIDE-BAND ANTENNA 700MHZ TO 6GHZ
logo
TE Connectivity Ltd
1-1773963-2 TEC-1-1773963-2 Datasheet
1Mb / 2P
CEILING MOUNTED MIMO WIFI ANTENNA
logo
EnOcean GmbH.
EOSCA ENOCEAN-EOSCA Datasheet
188Kb / 2P
Occupancy Sensor Ceiling Mounted
V2.4 April 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com