Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3503 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MC3503
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3503 Datasheet(HTML) 2 Page - STMicroelectronics

  MC3503 Datasheet HTML 1Page - STMicroelectronics MC3503 Datasheet HTML 2Page - STMicroelectronics MC3503 Datasheet HTML 3Page - STMicroelectronics MC3503 Datasheet HTML 4Page - STMicroelectronics MC3503 Datasheet HTML 5Page - STMicroelectronics MC3503 Datasheet HTML 6Page - STMicroelectronics MC3503 Datasheet HTML 7Page - STMicroelectronics MC3503 Datasheet HTML 8Page - STMicroelectronics MC3503 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
MC3503
MC3403
MC3303
Unit
VCC
Supply Voltage
±18 or 36
±18 or 36
±18 or 36
V
Vid
Differential Input Voltage
±36
±36
±36
V
Vi
Input Voltage (note 1)
±18
±18
±18
V
–
Output Short-circuit Duration (note 2)
Infinite
–
Ptot
Power Dissipation
500
500
500
mW
Toper
Operating Free-air Temperature Range
–55 to +125
0 to +70
–40 to +105
oC
Tstg
Storage Temperature Range
–65 to +150
–65 to +150
–65 to +150
oC
Notes :
1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
2. Any of the amplifier outputs can be shorted to ground indefinitely ; however more than one should not be simultaneously shorted
as the maximum junction temperature will be exceeded.
(1 stage)
Q20
Q23
8pF
C1
Q19
Q18
Q17
Q16
Output
Q27
V
CC
Q29
Q28
Q15
R3
25
Ω
Q30
R5
8.2k
Ω
V
CC
(Ground)
Q12
Q11
Q10
Q13
R2
37 k
Ω
R4
31k
Ω
R6
0.7k
Ω
Q9
Q8
Q7
Q6
Q14
R1
12k
Ω
Q4
Q3
Q2
Q21
Q22
Q24
Q25
Non-inverting
input
input
Inverting
Q5
Q1
SCHEMATIC DIAGRAM (each amplifier)
V
CC
V
CC
+3V to +30V
SINGLE SUPPLY
1.5V to 18V
1.5V to 18V
V
CC
V
CC
DUAL SUPPLIES
MC3303 - MC3403 - MC3503
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com