Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSF1 Datasheet(PDF) 17 Page - Clarke International

Part # HSF1
Description  NO GAS INVERTER MIG WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 17 Page - Clarke International

Back Button HSF1 Datasheet HTML 13Page - Clarke International HSF1 Datasheet HTML 14Page - Clarke International HSF1 Datasheet HTML 15Page - Clarke International HSF1 Datasheet HTML 16Page - Clarke International HSF1 Datasheet HTML 17Page - Clarke International HSF1 Datasheet HTML 18Page - Clarke International HSF1 Datasheet HTML 19Page - Clarke International HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
speed and back off slightly to avoid the possibility of the wire welding
itself to the tip. This is the reason position 6 is recommended for start
up.
NOTE: The Wire Feed control is for fine tuning the wire speed. The speed of
wire delivery will increase automatically as the current is increased.
Therefore, once the ideal speed is achieved by fine tuning, it should not
be necessary to adjust this control when the welding current changes.
NOTE: Listen to the sound made. An irregular crackling sound denotes too
high a wire speed. Decrease the speed until a regular, strong buzzing
sound is heard.
THERMAL OVERLOAD
The ‘Thermal Overload’ shuts off the
welder when it becomes too hot, due to
the duty cycle being exceeded. This is to
prevent any damage to the welder.
When this occurs, the warning lamp
shown will light up. Allow the welder to
cool until the amber light extinguishes
before resuming work.
DUTY CYCLE
The duty cycle determines the machine ‘down time’. i.e 10% means 1 minutes
operation followed by 9 minutes of rest. The duty cycle must be adhered to
prevent the thermal cutout protection from activating.
Do not exceed the stated duty cycle for this machine. Failure to heed this
warning may invalidate your warranty.
These welders are covered by regulations EN 60974-1 and EN 50199, where the duty
cycle is expressed as a percentage of time the machine may be used in a given period
for a specified welding current.
Using the example shown, which is an illustration of the data plate;-
e.g. when welding at 40 amps the machine may be used for 6 minutes (60%) in any
10 minute period.
IMIG100NG
Duty Cycle (%)
20
60
100
Rated Welding Current (A)
100
68
52
Conventional Load Voltage (V)
19
17.4
16.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com