Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1 Datasheet(PDF) 17 Page - Clarke International

Part # HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Datasheet(HTML) 17 Page - Clarke International

Back Button HS1 Datasheet HTML 13Page - Clarke International HS1 Datasheet HTML 14Page - Clarke International HS1 Datasheet HTML 15Page - Clarke International HS1 Datasheet HTML 16Page - Clarke International HS1 Datasheet HTML 17Page - Clarke International HS1 Datasheet HTML 18Page - Clarke International HS1 Datasheet HTML 19Page - Clarke International HS1 Datasheet HTML 20Page - Clarke International HS1 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
7. Ensure that the flanges at the base of the drive roller cover, seat fully into
the circular recess in the main moulding and then rotate the drive roller
cover through 90° to lock it in place.
THREADING THE WIRE
IMPORTANT: Do not release the tension on the wire as it will unravel causing
feeding problems later.
1. Pull out the end of the wire from the spool, taking care not to release the
tension.
• We recommend you cut off and discard the first 10 cm of wire from
the spool to avoid burrs and then straighten the next 15 cm of wire
to help with feeding.
2. Loosen the tensioning knob and pivot it towards you.
3. Lift up the arm.
4. Feed the wire through the guide, over the drive roller and into the torch
liner.
• Push about 10-15 cm into the torch liner.
5. Lower the arm and refit the tensioning knob.
• Tighten the tensioning knob sufficiently to hold in position, but do not
fully tighten.
NOTE: Correct tension will allow the wire to feed into the torch liner
smoothly but will allow the drive roller to slip in the event of a
blockage.
6. Close the side panel of the welder.
7. Pull off the torch shroud with a twisting movement, then unscrew the
contact tip.
8. Connect the welder to the power supply and switch ON.
9. Set the ‘WIRE FEED’ rotary control
on the front panel to position 7 or
8 and squeeze the trigger on the
torch body.
• The wire will feed through the
hose until it appears at the
torch tip.
• Ensuring the hose is free from
kinks during this process will
assist the wire in its passage
through the hose liner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com