Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33078 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 33078
Description  LOW NOISE DUAL OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

33078 Datasheet(HTML) 1 Page - STMicroelectronics

  33078 Datasheet HTML 1Page - STMicroelectronics 33078 Datasheet HTML 2Page - STMicroelectronics 33078 Datasheet HTML 3Page - STMicroelectronics 33078 Datasheet HTML 4Page - STMicroelectronics 33078 Datasheet HTML 5Page - STMicroelectronics 33078 Datasheet HTML 6Page - STMicroelectronics 33078 Datasheet HTML 7Page - STMicroelectronics 33078 Datasheet HTML 8Page - STMicroelectronics 33078 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MC33078
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
.
LOW VOLTAGE NOISE : 4.5nV/
√√

Hz
.
HIGH GAIN BANDWIDTH PRODUCT : 15MHz
.
HIGH SLEW RATE : 7V/
µµs
.
LOW DISTORTION : 0.002%
.
LARGE
OUTPUT
VOLTAGE
SWING
:
+14.3V/-14.6V
.
LOW INPUT OFFSET VOLTAGE
.
EXCELLENT FREQUENCY STABILITY
.
ESD PROTECTION 2kV
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
N
DIP8
(Plastic Package)
DESCRIPTION
The MC33078 is a monolithic dual operational
amplifier particularly well suited for audio applica-
tions. It offers low voltage noise (4.5nV/
√
Hz ) and
high frequency performances (15MHz Gain Band-
width product, 7V/
µs slew rate).
In addition the MC33078 has a very low distortion
(0.002%) and excellent phase/gain margins.
The output stage allows a large output voltage
swing and symmetrical source and sink currents.
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-invertinginput 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
PIN CONNECTIONS (top view)
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
ND
MC33078
-40, +105
oC
••
1/9


Similar Part No. - 33078

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3307 KR-3307 Datasheet
79Kb / 3P
KR Electronics part number 3307 is a 1200 MHz lowpass filter
logo
List of Unclassifed Man...
3307 ETC-3307 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3307 HEYCO-3307 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3307-631 SUMIDA-3307-631 Datasheet
34Kb / 1P
General Power Transformer
logo
Festo Corporation.
3307627 FESTO-3307627 Datasheet
89Kb / 1P
Quick coupling
More results

Similar Description - 33078

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com