Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD242 Datasheet(PDF) 2 Page - LightGraphix

Part # LD242
Description  Yacht Spreader LED Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD242 Datasheet(HTML) 2 Page - LightGraphix

  LD242 Datasheet HTML 1Page - LightGraphix LD242 Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 8 January 2024
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD242
Yacht Spreader LED Light
Data sheet - Page 2
Photometric files are included in the design pack which can be downloaded
from the LD242A product page on the website.
Photometrics
LED colour
Order Codes and Options
Product code
Example: LD242-C1-700 / LW30 / MB / Hard anodised
Lens angle
Finish
LD242-C1 - 350
- 500
- 700
Product codes with output options
1.2W LED at 350mA
LD242-C1-350
1.7W LED at 500mA
LD242-C1-500
2.4W LED at 700mA
LD242-C1-700
LED colour options
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
Red
/LR
Blue
/LB
Green
/LG
Amber
/LA
*Other LED colour temperatures are available. Please speak to a member of our sales team.
Beam / lens angle options
12° narrow spot
/NB
34° medium
/MB
55° wide
/WB
12° x 36° oval beam
/OB
Bezel finish
Hard anodised aluminium (Gun metal grey)
Paint finish black / white (RAL 9016) / RAL
Use with 350mA, 500mA and 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and Mains dimmable.
Please see the downloads section on our website:
To run 1-14 LD242-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD242-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD242-C1-700 in series use a TXDEL700D (0-10V dimmable)
Dimensions
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
37
12.2
47
Ø39
Cut-out
Ø58
48
Half moon glare shield
Standard LD242
/GS242A Glare Shield
Cut-out
Cut-out
Ø39
Ø39
47
47
37
37
2.5
2.5
12.2
12.2
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
2.5
37
12.2
47
Ø39
Cut-out
Ø58
48
Half moon glare shield
Standard LD242
/GS242A Glare Shield
48
48
Ø58
Ø58



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com