Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LINE11 Datasheet(PDF) 2 Page - LightGraphix

Part # LINE11
Description  EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE11 Datasheet(HTML) 2 Page - LightGraphix

  LINE11 Datasheet HTML 1Page - LightGraphix LINE11 Datasheet HTML 2Page - LightGraphix LINE11 Datasheet HTML 3Page - LightGraphix LINE11 Datasheet HTML 4Page - LightGraphix LINE11 Datasheet HTML 5Page - LightGraphix LINE11 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LINE 11
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 29 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
LT500
LT900
LT1400
Colour temperature*
2200K, 2400K, 2700K, 3000K, 4000K, 5000K
2200K, 2400K, 2700K, 3000K, 4000K, 5000K
2200K, 2400K, 2700K, 3000K, 4000K, 5000K
Typical LED Circuit Wattage/m
3W
6W
9W
Delivered lumens (L100)*
462
923
1385
Delivered lm/Circuit W**
140
140
139
Source LED lm/m
494
987
1481
Source lm/W
165
165
165
Forward voltage (V100)
24V
24V
24V
CRI
90+
90+
90+
Colour consistency
2 SDCM
2 SDCM
2 SDCM
LOR
0.94
Colour Consistency
2 SDCM
LED Lifetime
L80B10 60,000Hrs.
Applications
These values are based on LINE 11/3000K/1000mm
*See lumen variance table to the right for lumens apply across all colour temperatures
**LED wattage includes losses associated with using a 90% efficient driver
Ambient temperature
-20°C to 45°C*
Materials
Polycarbonate extrusion, end caps, and fixing clips. 0.5mm anodised aluminium heat sink
Weight of product (per m)
100g/m
IP rating
IP54 (IP67 option)
Cable
Pre-Wired 2 core silicon cable 1000mm**
Wiring
Parallel constant voltage wiring 24V
Max. Installed Length
4.024m
*For higher temperatures please contact sales@lightgraphix.co.uk
**Custom length on request
MECHANICAL
TM65
Available on request
TM66
2.1
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
ENVIRONMENTAL
Lumen variance by CCT
2200K
-20%
2400K
-11%
2700K
-4%
3000K
0%
4000K
3%
5000K
6%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com