Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LINE22 Datasheet(PDF) 2 Page - LightGraphix

Part # LINE22
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE22 Datasheet(HTML) 2 Page - LightGraphix

  LINE22 Datasheet HTML 1Page - LightGraphix LINE22 Datasheet HTML 2Page - LightGraphix LINE22 Datasheet HTML 3Page - LightGraphix LINE22 Datasheet HTML 4Page - LightGraphix LINE22 Datasheet HTML 5Page - LightGraphix LINE22 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LINE 22
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 2 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
LT500
LT900
LT1400
LT2000
Colour temperature*
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
Typical LED Circuit Wattage/m
3W
6W
9W
13W
Delivered lumens (L100)*
452
903
1355
1874
Delivered lm/Circuit W**
137
137
136
131
Source LED lm/m
494
987
1481
2048
Source lm/W
165
165
165
158
Forward voltage (V100)
24V
24V
24V
24V
CRI
90+
90+
90+
90+
Colour consistency
2 SDCM
2 SDCM
2 SDCM
2 SDCM
LOR
0.92
Colour Consistency
2 SDCM
LED Lifetime
L80B10 60,000Hrs.
Applications
These values are based on LINE 22/3000K/1000mm
*See lumen variance table to the right for lumens apply across all colour temperatures
**LED wattage includes losses associated with using a 90% efficient driver
Ambient temperature
-20°C to 45°C*
Materials
Silver anodised aluminium extrusion with ABS plastic end caps. Stainless fixing clips. Anodised aluminium brackets.
Weight of product (per m)
346.7g/m
IP rating
IP40 as standard (IP54 option for pool/spa applications - not for exterior use)
Cable
Pre-Wired 2 core silicon cable 1000mm (custom length on request)
Wiring
Parallel constant voltage wiring 24V
Max. Installed Length
3.014m
*For higher temperatures please contact sales@lightgraphix.co.uk
**Custom length on request
MECHANICAL
TM65
Available on request
TM66
2.1
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
ENVIRONMENTAL
Lumen variance by CCT
2200K
-20%
2400K
-11%
2700K
-4%
3000K
0%
4000K
3%
5000K
6%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com