Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR20 Datasheet(PDF) 4 Page - LightGraphix

Part # LR20
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR20 Datasheet(HTML) 4 Page - LightGraphix

  LR20 Datasheet HTML 1Page - LightGraphix LR20 Datasheet HTML 2Page - LightGraphix LR20 Datasheet HTML 3Page - LightGraphix LR20 Datasheet HTML 4Page - LightGraphix LR20 Datasheet HTML 5Page - LightGraphix LR20 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR20
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 23 April 2026
THE LINEAR RANGE THAT YOU WOULD EXPECT FROM LIGHTGRAPHIX
Trusted by designers for precision, consistency, and total system integration. Our updated and extended Linear range brings that same expertise to flexible and rigid luminaires, giving you the
freedom to create clean, continuous lines of light, perfectly matched in colour, quality, and performance across every application.
Colour-Matched
Developed using LightGraphix-engineered LED tape, tightly binned within a two-step MacAdam ellipse. Every luminaire is visually and chromatically matched across our full range from
downlights and uplights to spotlights and linear delivering consistent light quality and tone throughout the project.
Precision-Cut
Every fitting is made to measure in our UK operations - cut, connected, moulded, and IP-tested in-house. With 50mm cutting increments and continuous lengths up to 2m, each product
delivers technical precision and a flawless finish, ensuring your specification is realised exactly as intended.
Quality-Assured
Engineered with the same design principles and light engines as our flexible range, every LightGraphix Linear Rigid fitting undergoes full in-house quality testing to ensure output consistency,
colour uniformity, and long-term thermal stability. Designed for longevity and absolute trust in architectural environments.
Built to Blend
Designed to give you ultimate flexibility for your lighting design, each Linear product integrates seamlessly with our wider portfolio. Flexible and Rigid options share the same light engines,
allowing continuous lines of light that sit discreetly within the architecture and maintain design integrity.
Install-Ready
Engineered, assembled, and tested through our UK operations for dependable performance and rapid turnaround. Custom lengths, pre-moulded connections, and a 5-year warranty reduce
on-site work, minimise risk, and ensure every luminaire arrives ready to install.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com