Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3240 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics ST6G3240 Datasheet HTML 19Page - STMicroelectronics ST6G3240 Datasheet HTML 20Page - STMicroelectronics ST6G3240 Datasheet HTML 21Page - STMicroelectronics ST6G3240 Datasheet HTML 22Page - STMicroelectronics ST6G3240 Datasheet HTML 23Page - STMicroelectronics ST6G3240 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Test circuit
ST6G3240
20/29
6
Test circuit
Figure 4.
Test circuit
RT is the Zout of the pulse generator, typically 50Ω.
Table 17.
Test circuit switches
Test
CL
(pF)
RL/R1
(k
Ω)
Switch
A-side
B-side
tPLH, tPHL
7
15
2
Open
tPZL, tPLZ
715
2
2 VCC
tPZH, tPHZ
715
2
GND
Table 18.
Waveform symbol value
Symbol
VCC
3.0 to 3.6 V
2.3 to 2.7 V
1.65 to 1.95 V
VIH
VCC
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH - 0.3 V
VOH - 0.15 V
VOH - 0.15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com