Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB4312 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB4312
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4312 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB4312 Datasheet HTML 1Page - Kingbor Technology Co KB4312 Datasheet HTML 2Page - Kingbor Technology Co KB4312 Datasheet HTML 3Page - Kingbor Technology Co KB4312 Datasheet HTML 4Page - Kingbor Technology Co KB4312 Datasheet HTML 5Page - Kingbor Technology Co KB4312 Datasheet HTML 6Page - Kingbor Technology Co KB4312 Datasheet HTML 7Page - Kingbor Technology Co KB4312 Datasheet HTML 8Page - Kingbor Technology Co KB4312 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
•Operating Voltage:2.5V~6.5V
•High Operating Frequency: 1.2MHz
•High Output Voltage: Up to 28V(max)
•Shutdown Current <1 A
•18V Output Over-voltage protection (ADJ)
•Digital Dimming Control.
•Built-in Cycle-by Cycle Current-limiting.
•Built-in Soft-Start Function.
•0.24V Low Reference Voltage(+/-5%)
•Tiny SOT23 Package
• LED Module
• LED Backlight for LCD Display (1 ~6.5 )
• Constant Current Source
The KB4312 step-up converter drives white LEDs
with a constant current to provide backlight in cell
phones, PDAs, and other hand-held devices. It
features allowing series connection of the white
LEDs so that the LED currents are identical for
uniform brightness. An enable input can be pulsed
repeatedly to adjust LED’s brightness. The fast 1.2
MHz current-mode PWM control allows for smaller
capacitor and inductor. Fault condition protection
uses
cycle-by-cycle
current
limiting
to
sense
maximum inductor current, thermal protection and
over-voltage protection. Also included soft-start
eliminates inrush current during start-up. The 0.24V
low reference voltage minimized the power loss
across the current-setting resistor.
The KB4312 is available in SOT23 packages
LX
+
-
FB
ON/OFF
Control
Logic / PWM
Dimming
Control
GND
Control Logic
EN
VREF
0.240V
N
VBG
1.27V
VIN
+
-
VBG
OVP
+
-
Overvoltage
Protection
Current Limit
0.25A
CTL
CTL
17V
Soft-Start
1
KB4312
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
•High Efficiency: Up to 92%
APPLICATIONS
FEATURES
DESCRIPTION
SIMPLIFIED BLOC DIAGRAM
”
”
REV: 3.2
1
2
3
4
6
5
Very Low
Cost
KB4312B FB=240mV
KB4312A FB=1.27V
Tiny Package, High Performance, Constant Current
Switching Regulator for White LED


Similar Part No. - KB4312

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4313GRE KINGBOR-KB4313GRE Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4314GRE KINGBOR-KB4314GRE Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
More results

Similar Description - KB4312

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
Tiny Package, High Efficiency, Constant Current LED Driver
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
Tiny Package, High Performance, Diode Embedded White LED Driver
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com