Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST19NP18-TPM Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19NP18-TPM
Description  Trusted Platform Module (TPM)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19NP18-TPM Datasheet(HTML) 2 Page - STMicroelectronics

  ST19NP18-TPM Datasheet HTML 1Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 2Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 3Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 4Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General description
ST19NP18-TPM
2/5
Rev 1
1
General description
The ST19NP18-TPM is a cost-effective Trusted Platform Module (TPM) solution. The
ST19NP18-TPM is designed to provide PC platforms with enhanced security and integrity
mechanisms as defined by Trusted Computing Group standards. The product provides full
support of TCG v1.2 specifications.
ST19NP18-TPM is based on the ST19NP18 silicon product.
The ST19NP18 is driven from the Smartcard IC ST19N platform. It is manufactured using
the advanced highly reliable STMicroelectronics CMOS EEPROM technology.
The ST19NP18 has an 8-bit CPU architecture and includes the following on-chip memories:
User ROM, User RAM and EEPROM with state of the art security features. ROM, RAM and
EEPROM memories can be configured into partitions with customized access rules.
The ST19NP18 also includes a Modular Arithmetic Processor (MAP). The 1088-bit
architecture of this cryptographic engine allows processing of modular multiplication,
squaring and additional calculations up to 2176 bit operands.
The Modular Arithmetic Processor (MAP) is designed to speed up cryptographic
calculations using Public Key Algorithms.
The Secure Hash Accelerator allows fast SHA-1 computation especially well suited for BIOS
hash operations during early boot stages.
The ST19NP18 is specially designed in line with TCG PC Client Specific TPM
Implementation Specification (TIS) referring to Intel’s LPC Specification revision 1.1.
Figure 1.
ST19NP18 Block Diagram
INTERNAL BUS
MEMORY ACCESS FIREWALL
Gnd
8-bit
CPU
3 x
8 bit
Timers
CRC
module
LCLK
Clock
Generator
module
ST ROM, MAP and EDES FIREWALL
RAM
User ROM
ST ROM and
Crypto
Libraries
EDES
Accelerator
MAP
1088 bits
537
Vps
TRNG A
&
TRNG B
Security
Admin.
LRESET
EEPROM
SHA
Module
5 x
GPIO
Interface
Gpi02
RAM 2K
LPC
Interface
LFrame
LPCPD
Lad3
Lad2
Lad1
Lad0
PP
SERIRQ
Gpi03
Gpi04
Gpi05
Gpi01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com