Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFH12N100Q Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFH12N100Q
Description  HiPerFETTM Power MOSFETs Q Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH12N100Q Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH12N100Q Datasheet HTML 1Page - IXYS Corporation IXFH12N100Q Datasheet HTML 2Page - IXYS Corporation IXFH12N100Q Datasheet HTML 3Page - IXYS Corporation IXFH12N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 IXYS All rights reserved
V
GS - Volts
3
456
7
0
2
4
6
8
10
12
T
C - Degrees C
-50 -25
0
25
50
75
100 125 150
0
4
8
12
16
T
J - Degrees C
25
50
75
100
125
150
1.0
1.5
2.0
2.5
I
D = 6A
I
D - Amperes
04
8
12
16
20
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
DS - Volts
0
6
12
18
24
30
0
3
6
9
12
15
V
DS - Volts
0
4
8
12
16
20
0
4
8
12
16
20
5V
V
GS = 10V
V
GS = 10V
9V
8V
7V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
6V
5V
T
J = 25
oC
I
D = 12A
T
J = 25
OC
T
J = 125
oC
V
GS = 10V
9V
8V
7V
T
J = 125
OC
6V
Figure 2. Output Characteristics at 125OC
Figure 1. Output Characteristics at 25OC
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 3. R
DS(on) normalized to value at ID = 12A
Figure 4. R
DS(on) normalized to value at ID = 12A
IXFH/IXFT 12N100Q
IXFH/IXFT 10N100Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com