Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN616 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN616
Description  16 A standard SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN616 Datasheet(HTML) 1 Page - STMicroelectronics

  TYN616 Datasheet HTML 1Page - STMicroelectronics TYN616 Datasheet HTML 2Page - STMicroelectronics TYN616 Datasheet HTML 3Page - STMicroelectronics TYN616 Datasheet HTML 4Page - STMicroelectronics TYN616 Datasheet HTML 5Page - STMicroelectronics TYN616 Datasheet HTML 6Page - STMicroelectronics TYN616 Datasheet HTML 7Page - STMicroelectronics TYN616 Datasheet HTML 8Page - STMicroelectronics TYN616 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2007
Rev 6
1/9
9
TN1625
TYN616, TYN816
16 A standard SCRs
Features
IT(RMS) =16 A
VDRM/VRRM = 600 to 1000 V
IGT = 25 mA
Description
The standard TN16 / TYNx16 16 A SCRs series
is suitable for general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current
capabilities.
A
K
G
D2PAK
(TN1625-x00G)
TO-220AB
(TYNx16RG)
A
K
G
A
A
K
G
A
Table 1.
Device summary
Parameter
TN1625-600G
TYN616RG
TYN816RG
TN1625-1000G
Unit
VDRM/VRRM
600
800
1000
V
Sensitivity
25
25
25
mA
www.st.com


Similar Part No. - TYN616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN616 STMICROELECTRONICS-TYN616 Datasheet
92Kb / 7P
16A SCRs
Apr-2002
logo
Kersemi Electronic Co.,...
TYN616 KERSEMI-TYN616 Datasheet
417Kb / 7P
16A SCRs
logo
STMicroelectronics
TYN616RG STMICROELECTRONICS-TYN616RG Datasheet
92Kb / 7P
16A SCRs
Apr-2002
More results

Similar Description - TYN616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Littelfuse
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
15 and 16 Amp Standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
High temperature 16 A SCRs
26-Jun-2017
TN1605H-6T STMICROELECTRONICS-TN1605H-6T Datasheet
409Kb / 9P
High temperature 16 A SCRs
May 2017 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com