Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL08-M2KTN-B Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # SL08-M2KTN-B
Description  Flashing Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL08-M2KTN-B Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  SL08-M2KTN-B Datasheet HTML 1Page - PATLITE CORPORATION. SL08-M2KTN-B Datasheet HTML 2Page - PATLITE CORPORATION. SL08-M2KTN-B Datasheet HTML 3Page - PATLITE CORPORATION. SL08-M2KTN-B Datasheet HTML 4Page - PATLITE CORPORATION. SL08-M2KTN-B Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■
SL08-M1JN
■
SL08-M2JN
■
SL08-M1KT□
■
SL08-M2KT□
※
For No Buzzer Models,
do not require wiring.
■
Flash Pattern List
[5.Wiring Example]
Drawing No.
Rev.
Page
SL08-M1JN-
W18
G
【
External contact capacity of power supply line】
M1
M2
Current Capacity (Is)
3A or more
1A or more
【
External contact capacity of signal line and buzzer line】 ※1
M1
M2
Current Capacity (Is)
10mA or more 10mA or more
Withstand Voltage (Vs)
20V or more
20V or more
Leakage Current (IL)
0.1mA or less
0.1mA or less
【
Fuse】
Fuse Rating
250V 1A
※
1 When using NPN transistor open collector.
CH1 OFF/CH2 OFF
CH1 ON/CH2 OFF
CH1 OFF/CH2 ON
CH1 ON/CH2 ON
Off
Continuous
Blinking
Triple-flash
Wiring【CH1/CH2】
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com