Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMP1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMMP1007
Description  Matching Pad 50 Ohm SMA Male to 75 Ohm F Male Operating from 0.009 to 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMP1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMMP1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMP1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMP1007 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2020
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
9KHz
3
GHz
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Range
9KHz-2
2-3
GHz
VSWR, Max
1.12:1
1.15:1
Return Loss, Max
25
23
dB
Mechanical Specifications
Size
Length
2.25 in [57.15 mm]
Width
0.81 in [20.57 mm]
Height
0.81 in [20.57 mm]
.
Weight
0.1235 lbs [56.02 g]
.
Housing Material and Plating
Copper
Connector 1
. Description
Connector
Type
SMA Male
Impedance
50 Ohms
. .
Connector 2
. Description
Connector
Type
F Male
Impedance
75 Ohms
. .
Matching Pad 50 Ohm SMA Male to 75 Ohm F Male
Operating from 0.009 to 3 GHz
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• Design: Fixed
• Connector 1: 50 Ohms SMA Male
• Connector 2: 75 Ohms F Male
FMMP1007
DATA SHEET


Similar Part No. - FMMP1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMP1001 FAIRVIEW-FMMP1001 Datasheet
445Kb / 3P
Matching Pad 50 Ohm N Female to 75 Ohm F Female Operating from 0.009 to 3 GHz
REV 1.1
FMMP1002 FAIRVIEW-FMMP1002 Datasheet
444Kb / 3P
Matching Pad 50 Ohm N Male to 75 Ohm F Female Operating from 0.009 to 3 GHz
REV 1.1
FMMP1004 FAIRVIEW-FMMP1004 Datasheet
446Kb / 3P
Matching Pad 50 Ohm SMA Female to 75 Ohm F Female Operating from 0.009 to 3 GHz
REV 1.1
FMMP1005 FAIRVIEW-FMMP1005 Datasheet
447Kb / 3P
Matching Pad 50 Ohm SMA Female to 75 Ohm F Male Operating from 0.009 to 3 GHz
REV 1.1
FMMP1006 FAIRVIEW-FMMP1006 Datasheet
446Kb / 3P
Matching Pad 50 Ohm SMA Male to 75 Ohm F Female Operating from 0.009 to 3 GHz
REV 1.1
More results

Similar Description - FMMP1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7067 PASTERNACK-PE7067 Datasheet
216Kb / 3P
50 Ohm BNC Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7072 PASTERNACK-PE7072 Datasheet
217Kb / 3P
50 Ohm N Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7075 PASTERNACK-PE7075 Datasheet
217Kb / 3P
50 Ohm SMA Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7076 PASTERNACK-PE7076 Datasheet
217Kb / 3P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7077 PASTERNACK-PE7077 Datasheet
245Kb / 3P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7080 PASTERNACK-PE7080 Datasheet
275Kb / 3P
50 Ohm TNC Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE70MP1006 PASTERNACK-PE70MP1006 Datasheet
384Kb / 4P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad
PE70MP1002 PASTERNACK-PE70MP1002 Datasheet
381Kb / 4P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1005 PASTERNACK-PE70MP1005 Datasheet
382Kb / 4P
50 Ohm SMA Female To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1007 PASTERNACK-PE70MP1007 Datasheet
382Kb / 4P
50 Ohm SMA Male To 75 Ohm F Male Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com