Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7204 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SH7204
Description  FAIRVIEW, TX 75069 WWW.SMELECTRONICS.US 1.26in SMA 90 DEGREE HYBRID 2-4 GHZ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SH7204 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SH7204 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
ELECTRICAL:
FREQUENCY: 2-4 GHZ
VSWR 1.20:1 MAX
COUPLING: 3DB
POWER CW: 50 WATTS
POWER PEAK: 3KW
ISOLATION: 22 DB MIN
LOSS: 3.1 +/- .6 DB
IMPEDANCE: 50 OHMS
ENVIRONMENTAL:
TEMP: -55 C TO +125 C
SPECIFICATIONS
S. M. ELECTRONICS
FAIRVIEW, TX 75069 WWW.SMELECTRONICS.US
SMA 90 DEGREE HYBRID 2-4 GHZ
SH7204
0.38in
3FKR5
1.15in
0.66in
SMA-F
0.25
0.105


Similar Part No. - SH7204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7201 RENESAS-SH7201 Datasheet
7Mb / 1196P
32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7203 RENESAS-SH7203 Datasheet
9Mb / 1686P
32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7206 RENESAS-SH7206 Datasheet
7Mb / 1188P
32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results

Similar Description - SH7204

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2058 PASTERNACK-PE2058 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 8 GHz Rated To 30 Watts
PE2059 PASTERNACK-PE2059 Datasheet
215Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 12.4 GHz Rated To 100 Watts
PE2051 PASTERNACK-PE2051 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 1 GHz to 2 GHz Rated To 50 Watts
PE2052 PASTERNACK-PE2052 Datasheet
292Kb / 3P
90 Degree SMA Hybrid From 2 GHz to 4 GHz Rated To 50 Watts
PE2053 PASTERNACK-PE2053 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 2.6 GHz
PE2054 PASTERNACK-PE2054 Datasheet
214Kb / 3P
90 Degree SMA Hybrid From 4 GHz to 8 GHz Rated To 50 Watts
logo
Yantel Corporation
HC1150U03-190 YANTEL-HC1150U03-190 Datasheet
1Mb / 5P
90 Degree Hybrid 1.12 GHz-1.26 GHz
HC2150U03-040 YANTEL-HC2150U03-040 Datasheet
735Kb / 4P
90 Degree Hybrid 2.05 GHz-2.25 GHz
HC2500U03-055 YANTEL-HC2500U03-055 Datasheet
401Kb / 5P
90 Degree Hybrid 2.30 GHz-2.65 GHz
HC3550U03-060 YANTEL-HC3550U03-060 Datasheet
765Kb / 4P
90 Degree Hybrid 3.30 GHz-3.80 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com