Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC4558ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # MC4558ID
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC4558ID Datasheet(HTML) 3 Page - STMicroelectronics

  MC4558ID Datasheet HTML 1Page - STMicroelectronics MC4558ID Datasheet HTML 2Page - STMicroelectronics MC4558ID Datasheet HTML 3Page - STMicroelectronics MC4558ID Datasheet HTML 4Page - STMicroelectronics MC4558ID Datasheet HTML 5Page - STMicroelectronics MC4558ID Datasheet HTML 6Page - STMicroelectronics MC4558ID Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (RS
≤ 10 kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
100
200
nA
Iib
Input Bias Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
400
500
nA
Avd
Large Signal Voltage Gain (VO =
±10V, RL =2kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current, all Amp, no Load
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
2.3
4.5
6
mA
Vicm
Input Common Mode Voltage Range
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common-mode Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
70
70
90
dB
Ios
Output Short-circuit Current
10
20
40
mA
Vo
Output Voltage Swing
Tamb =25
oCRL = 10k
Ω
RL =2k
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL =2k
Ω
±12
±10
±12
±10
±14
±13
V
SR
Slew Rate
(VI =
±10V, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
1.5
2.2
V/
µs
tr
Rise Time
(VI =
±20mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
0.3
µs
KOV
Overshoot
(VI =
±20 mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
15
%
Ri
Input Resistance
0.3
2
M
Ω
Ci
Input Capacitance
1.4
pF
RO
Output Resistance
75
Ω
B
Unity Gain Bandwidth
2.8
MHz
GBP
Gain Bandwidth Product
(VI = 10mV, RL =2k
Ω,CL = 100pF, f = 100kHz, Tamb =25oC)
5.5
MHz
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL =2k
Ω,Vo =2Vpp,CL = 100pF, Tamb =25oC)
0.008
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100
Ω)12
nV
√
Hz
VO1/VO2
Channel Separation
120
dB
MC4558
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com