Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS50-800 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MDS50-800
Description  DIODE / SCR MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MDS50-800 Datasheet(HTML) 5 Page - STMicroelectronics

  MDS50-800 Datasheet HTML 1Page - STMicroelectronics MDS50-800 Datasheet HTML 2Page - STMicroelectronics MDS50-800 Datasheet HTML 3Page - STMicroelectronics MDS50-800 Datasheet HTML 4Page - STMicroelectronics MDS50-800 Datasheet HTML 5Page - STMicroelectronics MDS50-800 Datasheet HTML 6Page - STMicroelectronics MDS50-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MDS35 / 50 / 80 Series
5/7
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
Fig. 4: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 5-1: Surge peak on-state current versus
number of cycles (MDS35 and MDS50).
Fig. 5-2: Surge peak on-state current versus
number of cycles (MDS80).
Fig. 6-1: Non-repetitive surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms,
and
corresponding
value
of
I²t
(MDS35 and MDS50).
Fig. 6-2: Non repetitive surge peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms,
and
corresponding
value
of
I²t
(MDS80).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com