Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60005PI Datasheet(PDF) 1 Page - Philex Electronic Ltd.

Part # 60005PI
Description  5m SC to SC Multimode Duplex OM2 LSZH Fibre Optic Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.

60005PI Datasheet(HTML) 1 Page - Philex Electronic Ltd.

  60005PI Datasheet HTML 1Page - Philex Electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01234 26 37 37
sales@philex.com
www.philex.com
Part Number:
60005PI
5m SC to SC Multimode Duplex
OM2 LSZH Fibre Optic Cable
Enhance your network’s speed and connectivity
with the SC to SC Multimode Duplex OM2 LSZH Fibre
Optic Cable, expertly crafted for rapid and stable
data communication.
Features
• Built with 50μm/125μm multimode fibres, this cable is
engineered for optimal data transmission, suited for high-speed
networks in corporate, academic, and healthcare settings.
• Low Smoke Zero Halogen (LSZH) jacketing is incorporated to meet
stringent safety standards, making it suitable for use in areas where
human safety is a priority.
• The SC to SC connectors provide secure and dependable
connectivity, critical for maintaining the integrity of high-speed
network links in telecommunication rooms and data centres.
• OM2 rated for higher bandwidth and extended reach, supporting
applications such as video streaming, cloud computing, and
other bandwidth-intensive tasks.
• The 5-meter length allows for a clutter-free installation, essential in
environments where cable management is key.
Product Specifications
Connector Type
SC to SC
Fibre Type
OM2
Ferrule Material
Ceramic
Cable Construction
Tight-buffered
Cable Diameter
2.8mm nominal per unit
Core / Cladding Diameter
50μm / 125μm
Wavelength
Optimised for 850Nm VCSEL
light sources
Bandwidth
500MHz*km (overfilled launch)
at 850Nm
Transmission Speed
Up to 10Gbps at 300m
Maximum Attenuation
3.0dB/km at 850Nm;
1.0dB/km at 1300Nm
Maximum Distance
Up to 1Gbps at 600m;
Up to 10Gbps at 150m
Polarity
Type B (cross-over)
Jacket Material
Low Smoke Zero Halogen (LSZH)
Fire Rating
IEC 60332-1, IEC 60332-3,
OFNR or OFNP
Standards Compliance
TIA/EIA-568-C.3, ISO/IEC 11801,
IEC 61754-4, IEC 60793-2-10
Minimum Bend Radius
15 times the outer diameter
Pulling Tension
100N max.
Numeric Aperture
0.200 nominal
Strain Relief
100-kpsi min.
Crush Resistance
750N/100mm
Impact Resistance
1.2Nm (impacts)
Flexibility
2000 cycles
Cable Length
5 meter
Operating Temperature
-20°C to +70°C
Installation Temperature
0°C to +50°C
Product Information
Part Number
60005PI
EAN
5050171087770
Units per Pack
1
Packaging Size
21.5 x 17 x 0.5cm
Finished Packaging Weight
53g
Outer Box Qty
–
Outer Size
–
Outer Gross Weight
–
Outer Net Weight
–


Similar Part No. - 60005PI

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
60005 PRESTO-60005 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
GEDORE Werkzeugfabrik G...
6000590 GEDORE-6000590 Datasheet
117Kb / 1P
Combination spanner with same size each end
More results

Similar Description - 60005PI

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX
PE300033 PASTERNACK-PE300033 Datasheet
245Kb / 1P
CABLE ASSEMBLY SC TO LC DUPLEX MULTIMODE
logo
Tripp Lite. All Rights ...
N80605M TRIPPLITE-N80605M Datasheet
505Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 5M (16-ft)
N81605M TRIPPLITE-N81605M Datasheet
487Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 5M (16-ft)
N30605M TRIPPLITE-N30605M Datasheet
496Kb / 2P
Duplex Multimode 62.5-125 Fiber Patch Cable (SC-SC), 5M (16-ft)
N50605M TRIPPLITE-N50605M Datasheet
487Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (SC-SC), 5M (16-ft.)
N306-05M TRIPPLITE-N306-05M Datasheet
164Kb / 2P
Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 5M (16-ft.)
N806-05M TRIPPLITE-N806-05M Datasheet
164Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 5M (16-ft.)
N506-05M TRIPPLITE-N506-05M Datasheet
165Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (SC/SC), 5M (16-ft.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com