Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLE-24 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # CLE-24
Description  LED Work Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

CLE-24 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  CLE-24 Datasheet HTML 1Page - PATLITE CORPORATION. CLE-24 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Protection Rating
Vibration Resistance
Luminuous intensity
(at optical center)
Remarks
Conforms to the CE Requirements
IP65f conformity
19.6m/s2 (30Hz)
0.3kg
Product Name
Model
Rated Voltage
Operating Voltage Range
Rated Power Consumption
1.3W
Mass (Tolerance ±10%)
Indoor or outdoor
Upright, horizontal and sideways
-25℃ to +60℃
CLE-24
24V DC (non-polar)
Rated voltage±10%
Less than 90% (No condensation)
Operating Ambient Temperature
Rev.
CLE-24-W18
D
Page
Drawing No.
LED Work Light
SPECIFICATIONS
Operating Ambient Humidity
Mounting Location
Mounting Direction
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Conformity Standards
LED
Light Source
24-LED of white high internsity
25cd or more
1/2


Similar Part No. - CLE-24

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
CLE-24 DIWELL-CLE-24 Datasheet
268Kb / 9P
Constant Current LED Driver
2013/10/07
CLE-24-1.50D DIWELL-CLE-24-1.50D Datasheet
268Kb / 9P
Constant Current LED Driver
2013/10/07
logo
PATLITE CORPORATION.
CLE-24N PATLITE-CLE-24N Datasheet
300Kb / 2P
LED Work Light
Rev. D
More results

Similar Description - CLE-24

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130243-0029 MOLEX11-130243-0029 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/2 SOOW 0.91m
130243-0030 MOLEX11-130243-0030 Datasheet
53Kb / 1P
Haztex Wide Area LED Work Light, 4 x 20W, with 90o Brad Power Plug
130243-0031 MOLEX11-130243-0031 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, 12/3 SOOW 0.91m
1302430021 MOLEX11-1302430021 Datasheet
46Kb / 1P
Haztex Wide Area LED Work Light, 4 x 20W, Plug 14/3 SOOW 7.62m
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2 Datasheet
411Kb / 4P
WL50-2 LED Work Light - PWM Dimmable
WL50-2 BANNER-WL50-2_V01 Datasheet
348Kb / 5P
WL50-2 LED Work Light
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
WL50S High-Intensity Work Spot Light
WL50S BANNER-WL50S_V03 Datasheet
409Kb / 4P
WL50S Stainless Steel High-Intensity Work Spot Light
WLA BANNER-WLA Datasheet
383Kb / 4P
WLA Series Encapsulated Work Light
WLA BANNER-WLA_V01 Datasheet
592Kb / 4P
WLA Series Work Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com