Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFV-100F Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # RFV-100F
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

RFV-100F Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  RFV-100F Datasheet HTML 1Page - PATLITE CORPORATION. RFV-100F Datasheet HTML 2Page - PATLITE CORPORATION. RFV-100F Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
[General Specifications]
100V AC 50/60Hz
220V AC 50/60Hz
Model
Rated Voltage
Operating Ambient Humidity
Less than 85 %RH (No condensation)
RFV-24F
24V DC
RFV-100F
RFV-220F
-10℃ ~ 50℃
Mounting Location
Operating Ambient Temperature
3,000cd or more
3,000cd or more
2,500cd or more
2,000cd or more
(for Bit Input Mode)
Red
Yellow
Green
Blue
Indoor
: Upright and inverted mounting
Outdoor : Upright direction Only
Light Source
Color
Luminous Intenzsithpy
Flashing Rate
Indoors and Outdoors
Operating Voltage Range
Power Consumption
Use Upright if water splashing is present
Bit Input : 4 / Binary Input : 15
300ms or less ( In case of signal line startup )
1s or less ( In case of power supply startup )
Number of Playback Sounds
Playback Start Up Time
Channel Priority Order
LED
115±15 Flashes Per Minute
Revolving
Light
SD Card Format
FAT16
Pulse input (Pulse width more than 100msec)
Signal Input Method
Mounting Direction
Channel Input Type
Forced playing mode (Set Operation Mode Selection switch
No.1:Either ON or OFF/ No.2: ON )
CH1 is played when the power is turned on.
It ignores any inputs other than volume.
Bit Input (Set Operation Mode Selection switch No.1: OFF / No.2: OFF )
Binary Input (Set Operation Mode Selection switch No.1: ON / No.2: OFF )
STOP > CH4 >CH3 > CH2 > CH1
Standard bit rate : 64kbit/s 、Fs=44.1kHz
Playback Time
63sec (At playing of 64kbit/s 、Fs=44.1kHz Monaural data)
Internal Memory
508KByte (Total of MP3 data)
Supported Memory Card
SD Card (SDHC,SDXC are Not supported)
Recommended Parts : SDV-2GP□ (option)
Sound reduction input : -20dB ± 2dB (Sound reduction mode only)
MPEG1-Audio Layer Ⅲ (MP3)
Sound Reduction
Rated Voltage ±10%
Max.18W
Max.16W
Max.16W
Audio Format
Max.95dB or more.
Mounted to a 300mm x 300mm base at a distance of 1.0 meter in front
of the base surface playing sound 0dB 1kHz Sine wave,
with volume adjustable.
※Sound level of message will vary with the surrounding environment.
Sound Pressure Level
Page
SPECIFICATIONS
Drawing No.
Rev.
G
1/3
RFV-100F-W18


Similar Part No. - RFV-100F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFV10N50 INTERSIL-RFV10N50 Datasheet
66Kb / 6P
10A, 500V, Fast Switching N-Channel Enhancement-Mode Power MOSFETs
August 1995
RFV10N50BE INTERSIL-RFV10N50BE Datasheet
66Kb / 6P
10A, 500V, Fast Switching N-Channel Enhancement-Mode Power MOSFETs
August 1995
logo
Rohm
RFV12TG6S ROHM-RFV12TG6S Datasheet
560Kb / 6P
Super Fast Recovery Diode
RFV12TJ6S ROHM-RFV12TJ6S Datasheet
561Kb / 6P
Super Fast Recovery Diode
RFV12TJ6S ROHM-RFV12TJ6S Datasheet
997Kb / 8P
Super Fast Recovery Diode
More results

Similar Description - RFV-100F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com