Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LLG3CFB Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R7F100LLG3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LLG3CFB Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R7F100LLG3CFB Datasheet HTML 40Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 41Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 42Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 43Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 44Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 45Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 46Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 47Page - Renesas Technology Corp R7F100LLG3CFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
RL78/L23
1. Outline
R01DS0502EJ0110 Rev.1.10
Page 44 of 145
Oct 31, 2025
Timers
16-bit timer
8 channels
Watchdog timer
1 channel
Realtime clock (RTC)
1 channel
32-bit interval timer
(TML32)
1 channel in 32-bit counter mode,
2 channels in 16-bit counter mode,
4 channels in 8-bit counter mode
8-bit interval timer
Products with 256 or 512 Kbytes of flash memory: 8 units
Products with 64 or 128 Kbytes of flash memory: 4 units
8 units
16-bit timer RJ
Products with 256 or 512 Kbytes of flash memory: 2 channels
Products with 64 or 128 Kbytes of flash memory: 1 channel
2 channels
16-bit timers KB40,
KB41, and KB42
Products with 256 or 512 Kbytes of flash memory: 3 channels
Products with 64 or 128 Kbytes of flash memory: 1 channel
3 channels
External signal
sampler
1 channel
Oscillation stop
detector
1 channel
Timer output
6 channels
(PWM outputs: 5Note 3),
8 channels
(PWM outputs: 7Note 3)Note 4
8 channels (PWM outputs: 7Note 3)
RTC output
1 channel
Clock output/buzzer output
2 channels
• 3.91 kHz, 7.81 kHz, 15.63 kHz, 2 MHz, 4 MHz, 8 MHz, 16 MHz
(at the 32-MHz operation with the main system clock (fMAIN))
• 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(at the 32.768-kHz operation with the low-speed peripheral clock (fSXP))
8-/10-/12-bit resolution A/D converter
8 channels
9 channels
10 channels
10 channels
13 channels
13 channels
D/A converter
3 channels (one of the three interfaces is only for the internal reference voltage for the
comparator)
Comparator
1 channel
2 channels
(2/4)
Item
44-pin
48-pin
52-pin
64-pin
80-pin
100-pin
R7F100LFx
R7F100LGx
R7F100LJx
R7F100LLx
R7F100LMx
R7F100LPx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com