Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLK1-02JS-C Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # CLK1-02JS-C
Description  LED Work Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

CLK1-02JS-C Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  CLK1-02JS-C Datasheet HTML 1Page - PATLITE CORPORATION. CLK1-02JS-C Datasheet HTML 2Page - PATLITE CORPORATION. CLK1-02JS-C Datasheet HTML 3Page - PATLITE CORPORATION. CLK1-02JS-C Datasheet HTML 4Page - PATLITE CORPORATION. CLK1-02JS-C Datasheet HTML 5Page - PATLITE CORPORATION. CLK1-02JS-C Datasheet HTML 6Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
[ 2.Model Number Configuration ]
[ 3.Outer Dimension ]
Page
Drawing No.
Rev.
A
■
Luminous Color
■
Luminous part
■
Wiring
■
Rated Voltage
C
1
100mm
N - C
Daylight
3
300mm
2 J S
C L K 3 - 0
6
600mm
JS
Cable
CS
M12 Connector
02
24V DC
(Unit:mm)
140
Luminous Part 100
194.5
CLK1-02JSN-C
②
(15)
25.8
(13)
(15)
(500)
(170)
(15)
(15)
⑤
④
③
①
⑥
No.
Name
Material
1
Glass Cover(Luminous part)
Tempered glass
2
Case
AL
3
Cable (AWG22x2)
PUR
4
M12 Connector Plug(2-pin )
-
Number of Accessories
2
6
Bracket Mouting Screw (accessories)
SUS
4
5
Bracket SZW-305 (t=1.5)
SUS
CLK1-02CSN-C
CLK1-02JSN-C / CLK1-02CSN-C
2/6
CLK3-02-W18



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com