Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW433-LXP-10M Datasheet(PDF) 3 Page - NiceRF Wireless Technology Co., Ltd.

Part # SW433-LXP-10M
Description  433MHZ SUCKER ANTENNA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G-NICE [NiceRF Wireless Technology Co., Ltd.]
Direct Link  https://www.nicerf.com/
Logo G-NICE - NiceRF Wireless Technology Co., Ltd.

SW433-LXP-10M Datasheet(HTML) 3 Page - NiceRF Wireless Technology Co., Ltd.

  SW433-LXP-10M Datasheet HTML 1Page - NiceRF Wireless Technology Co., Ltd. SW433-LXP-10M Datasheet HTML 2Page - NiceRF Wireless Technology Co., Ltd. SW433-LXP-10M Datasheet HTML 3Page - NiceRF Wireless Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.nicerf.com
SW433-LXP-10M
NiceRF Wireless Technology Co., Ltd.
Rev 2.2
sales@nicerf.com
- 3 -
1. Description
SW433-LXP-10M, sucker antenna, designed specially for 433MHz wireless communication, it has
good VSWR, ingenious structure, easy installation, stable performance, with good anti-vibration and
anti-aging ability.
2. Technical Parameter
Frequency Range: 433 ±10 MHz
VSWR: ≤ 1.5
Gain: 3.0 dBi
Input impedance: 50 Ω
Max power: 10 W
Polarization: vertical polarization
Height: 468±3 mm
Interface form: SMA-J
Cable length: 10 m
(customizable)
Color: black
3. Size(unit:mm)
4. VSWR Chart
Antennas have been tested under wireless simulated environment by Network Analyzer.
Frequency:433 MHz
RL:17.7dB
SWR:1.296



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com