Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC-MD4M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC-MD4M
Description  MALE MINI-DIN 4 ASSEMBLED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC-MD4M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC-MD4M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.37 34.8
.30 7.6
.9 22.8
.28 7
.53
MAX
13.3
NOTES:
1. CONNECTOR: GOLD PLATED
2. BACKSHELL: BRASS, ANODIZED FINISH
3. ALL DIMENSIONS ARE FOR REFERENCE ONLY
4. CONNECTOR SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM PACKAGING SPEC. PS-0031.
4
2
1
3
CONNECTOR
BACKSHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC-MD4M
E
BAC-MD4M.SLDDRW
1
1
D.PARHAM
12/18/01
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
12/18/01
1/28/10
E
-
ECN 4526: BACKSHELL: BRASS, ANODIZED FINISH WAS ALUM ANODIZE FINISH
-
-
D. CASTRO
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
MALE MINI-DIN 4 ASSEMBLED
AUDIO/VIDEO
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
MCCORMICK
COLOR VARIATIONS
MAY OCCUR
12/18/01
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - BAC-MD4M

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
BAC-M-R0001-5.0 ISABELLENHUETTE-BAC-M-R0001-5.0 Datasheet
4Mb / 3P
PRECISION RESISTORS
More results

Similar Description - BAC-MD4M

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB440 ASSMANN-AB440 Datasheet
217Kb / 1P
ADAPTOR DIN 5PIN FEMALE-MINI DIN 6PIN MALE
logo
Pasternack Enterprises,...
PE3C2009-200CM PASTERNACK-PE3C2009-200CM Datasheet
452Kb / 4P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed 200Cm
logo
Assmann Electronics Inc...
AK323G-2-R ASSMANN-AK323G-2-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AK323G-5-R ASSMANN-AK323G-5-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AB450K-R ASSMANN-AB450K-R Datasheet
82Kb / 1P
MINI DIN 6 MALE
AB450-R ASSMANN-AB450-R Datasheet
83Kb / 1P
MINI DIN 6PIN MALE
AK5300-15-R ASSMANN-AK5300-15-R Datasheet
90Kb / 1P
MINI DIN 6PIN MALE
logo
Adam Technologies, Inc.
MDJ-004-FS-SMT ADAM-TECH-MDJ-004-FS-SMT Datasheet
89Kb / 1P
MINI DIN 4 POSITION
logo
Pasternack Enterprises,...
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com