Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC026 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC026
Description  CONN 75 OHM BNC M RG6 TWIST
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC026 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC026 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.4 35.56
TWIST-ON FOR
RG6 CABLE
.38 9.53
ACROSS FLATS
NOTES:
MATERIAL:
BODY: DIECAST
SHELL: DIECAST
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
SHELL: NICKEL PLATE
PIN: GOLD PLATE
ELECTRICAL:
IMPEDANCE: 75 OHMS
.413 10.49
.255 6.48
.287 7.29
BRAID
DIELECTRIC
CENTER CONDUCTOR
RECOMMENDED
CABLE STRIPPING
DIMENSIONS
PACKAGING:
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
APPLICATION:
RG6 COAXIAL CABLE ASSEMBLIES
RoHS Compliant 
F
F
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC026
F
BAC026.SLDDRW
1
1
D.PARHAM
11/05/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
11/05/2001
1/7/08
E
F
ECN 3139: UPDATE DWG FORMAT
ECN5262: CORRECTED DIM LOCATION FOR .255. UPDATED FORMAT & PKG NOTE
01/19/11
D.GRIFFIN
DFP
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN 75 OHM BNC M RG6 TWIST
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
11/05/2001
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BAC026

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC024 L-COM-BAC024 Datasheet
171Kb / 1P
CONN 75 OHM BNC M RG59 TWIST
03/07/2001
BAC027 L-COM-BAC027 Datasheet
58Kb / 1P
CONN 75 OHM BNC M RG59 CRIMP
05/01/2001
BAC027A L-COM-BAC027A Datasheet
136Kb / 1P
CONN 75 OHM BNC PLUG RG59 CRIMP
05/02/2001
BAC028 L-COM-BAC028 Datasheet
105Kb / 1P
CONN 75OHM BNCM RG59 CRMP TFE
11/02/2001
BAC029 L-COM-BAC029 Datasheet
50Kb / 1P
MALE BNC 75 OHM CONNECTOR
03/30/2001
More results

Similar Description - BAC026

ManufacturerPart #DatasheetDescription
logo
ITT Industries
167000-1413 ITT-167000-1413 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
logo
Amphenol Corporation
031-71000-RFX AMPHENOL-031-71000-RFX Datasheet
59Kb / 1P
BNC CRMP PLUG FOR BELDEN 9248, RG6 CABLE, 75 OHM
logo
Pasternack Enterprises,...
PE44314 PASTERNACK-PE44314 Datasheet
248Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG6
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE44321 PASTERNACK-PE44321 Datasheet
205Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG6-CATV
PE37808 PASTERNACK-PE37808 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, 75 OHM BNC MALE TO 75 OHM BNC MALE
logo
Samtec, Inc
BNC7T-P-C-XX-RA-CA6 SAMTEC-BNC7T-P-C-XX-RA-CA6 Datasheet
290Kb / 2P
TRUE 75 OHM, BNC RA RG6 CABLE PLUG
01/09/2009
HDBNC-P-C-XX-ST-CA6X SAMTEC-HDBNC-P-C-XX-ST-CA6X Datasheet
213Kb / 2P
HD BNC 75 OHM, ST PLUG FOR RG6 CABLE
02/16/2011
logo
NHP Electrical Engineer...
1786-XT NHP-1786-XT Datasheet
585Kb / 1P
CNET RG6 COAX 75 OHM TERMINATING RESISTOR BNC PLUG
7 June 2023,
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com