Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC027 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC027
Description  CONN 75 OHM BNC M RG59 CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC027 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC027 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.335
CONNECTOR CHARACTERISTICS LCC-002
CONNECTOR INTERFACE LIS-002
TERMINATION INSTRUCTIONS LTI-008
1AN01-001-OD1
LSP-010
TOOLING INFORMATION LCT-001
FERRULE & PIN
CABLE STRIPPING
RECOMMENDED
DIMENSIONS
CRIMP SIZE
NOTES:
1.0 PACKAGING:
1.1 THE PRODUCT SHALL BE PRESERVED & PACKAGED IN A MANNER WHICH WILL
AFFORD ADEQUATE PROTECTION AGAINST CORROSION, DETERIORATION,
AND PHYSICAL DAMAGE DURING SHIPMENT.
1.2 INDIVIDUALLY PACKAGE EACH ASSEMBLY UTILIZING APPROPRIATE SIZED BAG
DEPICTED ON
. MARK EACH BAG PER
.
2.0 WORKMANSHIP:
2.1 CABLE ASSEMBLIES SHALL BE MANUFACTURED IN SUCH A MANNER AS TO BE
UNIFORM IN QUALITY AND SHALL BE FREE FROM BURRS, CRAZING, CRACKS,
VOIDS, PIMPLES, CHIPS, BLISTERS, PINHOLES, SHARP CUTTING EDGES, AND OTHER
DEFECTS THAT WILL ADVERSELY AFFECT LIFE, SERVICEABILITY, OR APPEARANCE.
3.0 VISUAL AND MECHANICAL:
3.1 CABLE ASSEMBLIES SHALL BE INSPECTED TO VERIFY COMPLIANCE TO THIS DRAWING.
4.0 REFERENCE DOCUMENTATION:
5.0 APPLICATION:
5.1 RG59B/U COAXIAL CABLE WITH 23 AWG CENTER CONDUCTOR
43321
SHEET 1 OF 1
CAD FILE: BAC027.SLDDRW
D
C
B
A
A
B
FSCM NO.
BAC027
.XXX
MAY VARY
01845
SIZE
DWG. NO.
B
OUTLINE DRAWING
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
8
7
6
5
4
3
C
D
45 BEECHWOOD DRIVE
PERMISSION OF L-COM, INC. IS PROHIBITED.
REVISIONS
REV
DESCRIPTION
DATE
APPROVED
REV.
D
C.MCCORMICK
D.PARHAM
R.CARRICK
05/01/2001
05/02/2001
05/04/2001
A
RELEASED FOR PRODUCTION
05/04/01 MCCORMICK
B
09/27/02
UNDIMENSIONED FEATURES
2
300" ±5% >300" ±2%
1
CONFIGURATION DETAILS OF
C.BERUBE
ECN# 1204 PRODUCT VALIDATION
03/15/07
MCCORMICK
ECN# 2771 CHANGE WIRE SIZE FROM 22-23 AWG TO 23 AWG
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF
NORTH ANDOVER, MA
L-COM, INC. ANY REPRODUCTIONS IN PART OR WHOLE WITHOUT THE WRITTEN
.005
C
ECN# 2231 ADDED COMPONENT SPECIFICATIONS & REFERENCE DOCUMENTS 12/12/05 MCCORMICK
CONN 75 OHM BNC M RG59 CRIMP
DRAWING TITLE
PRODUCT DESCRIPTION
D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X .1
.XX .05
CABLE LENGTH TOLERANCE
≤
SCALE: 1:1
BAC027 TO APPEAR
ON OPPOSITE SIDE FROM
"L-COM"
.9
.50
.024
.26±.01
PIN
FERRULE
BODY
DIELECTRIC
BRAID
CENTER CONDUCTOR
.610
.157
.255
.068
Component Specifications
Material
Body
Brass per ASTM-B-16, Half Hard
Ferrule
Brass or Copper Alloy, Rockwell F65 max
Pin
Brass per ASTM-B-16, Half Hard
Insulator
Delrin
Finish
Body
Nickel plate per QQ-N-290, Class 1, 100 microinches
Ferrule
Nickel plate per QQ-N-290, Class 1, 100 microinches
Pin
Gold plate per MIL-G-45204, type 1, grade C. 3-5
microinch minimum.
Electrical
Impedance
75 Ohm
CS-278


Similar Part No. - BAC027

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC027A L-COM-BAC027A Datasheet
136Kb / 1P
CONN 75 OHM BNC PLUG RG59 CRIMP
05/02/2001
More results

Similar Description - BAC027

ManufacturerPart #DatasheetDescription
logo
ITT Industries
167000-1413 ITT-167000-1413 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
BNC (M) Crimp 75 廓
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE44166 PASTERNACK-PE44166 Datasheet
82Kb / 1P
75 OHM TNC MALE, CRIMP ATTACHMENT FOR RG59
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
PE4608 PASTERNACK-PE4608 Datasheet
1Mb / 3P
75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
logo
Molex Electronics Ltd.
0731000491 MOLEX11-0731000491 Datasheet
52Kb / 1P
75 Ohms, BNC Plug, Straight, Crimp RG59, Bag
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
logo
Molex Electronics Ltd.
0731000491 MOLEX-0731000491_V01 Datasheet
41Kb / 1P
75 Ohms, BNC Plug, Straight, Crimp RG59, Bag
logo
Samtec, Inc
HDBNC-P-C-XX-ST-CA8X SAMTEC-HDBNC-P-C-XX-ST-CA8X Datasheet
2Mb / 2P
75 OHM, HIGH DENSITY BNC STRAIGHT PLUG, RG59
02/16/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com