Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC028 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC028
Description  CONN 75OHM BNCM RG59 CRMP TFE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC028 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC028 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.50 12.7
.93 23.7
.035-.000
+.003 0.88
0
+0.08
.26±.01 6.6±0.254
.630 16
.157 4
.335 8.5
BRAID
DIELECTRIC
CENTER CONDUCTOR
.255 6.5
.068 1.7
CABLE STRIPPING
DIMENSIONS
RECOMMENDED
FERRULE & PIN
CRIMP SIZE
NOTES:
ELECTRICAL:
EACH CABLE ASSEMBLY SHALL BE SUBJECTED TO AND PASS A CONTINUITY TEST.
PACKAGING:
INDIVIDUALLY PACKAGE EACH ASSEMBLY UTILIZING APPROPRIATE SIZED BAG
COMPONENT SPECIFICATION:
MATERIALS:
BODY: BRASS
FERRULE: BRASS OR COPPER ALLOY
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
FERRULE: NICKEL PLATE
PIN: GOLD PLATE
ELECTRICAL:
IMPEDANCE: 75 OHM
APPLICATION:
RG59B/U PLENUM COAXIAL CABLE.
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC028
J
BAC028.SLDDRW
1
1
D.PARHAM
11/02/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
11/02/2001
1/3/08
F
G
ECN 3139: UPDATE DWG FORMAT
ECN 3430: REVISED PIN DIM FROM .031 [.8] TO .033 [.85]
7/3/08
D.GRIFFIN
D.FRISIELLO
H
ECN3988: .035 CENTER PIN HOLE WAS .033.
05/04/09
DFP
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
J
ECN 3999: CHANGED LENGTH OF FERRULE TO .50 [12.7]
5/11/09
D.FRISIELLO
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN 75OHM BNCM RG59 CRMP TFE
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
11/02/2001
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - BAC028

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC024 L-COM-BAC024 Datasheet
171Kb / 1P
CONN 75 OHM BNC M RG59 TWIST
03/07/2001
BAC026 L-COM-BAC026 Datasheet
131Kb / 1P
CONN 75 OHM BNC M RG6 TWIST
11/05/2001
BAC027 L-COM-BAC027 Datasheet
58Kb / 1P
CONN 75 OHM BNC M RG59 CRIMP
05/01/2001
BAC027A L-COM-BAC027A Datasheet
136Kb / 1P
CONN 75 OHM BNC PLUG RG59 CRIMP
05/02/2001
BAC029 L-COM-BAC029 Datasheet
50Kb / 1P
MALE BNC 75 OHM CONNECTOR
03/30/2001
More results

Similar Description - BAC028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
4ch 75ohm Video Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
BA7666FS ROHM-BA7666FS_1 Datasheet
180Kb / 6P
3 channel 75ohm driver
logo
Tyco Electronics
ELDC-6LI MACOM-ELDC-6LI Datasheet
156Kb / 2P
E-Series 75Ohm Coupler 50-870MHz
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
6dB Amplifier with 75OHM Driver
MM1671 TGS-MM1671 Datasheet
426Kb / 11P
Low Supply Voltage 75OHM Driver
logo
M/A-COM Technology Solu...
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650 Datasheet
173Kb / 3P
16dB 75Ohm Coupler
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650_15 Datasheet
173Kb / 3P
16dB 75Ohm Coupler
logo
Adam Technologies, Inc.
RF4-23-X-05-75 ADAM-TECH-RF4-23-X-05-75 Datasheet
117Kb / 1P
F MALE FOR RG59
logo
Belden Inc.
83337E BELDEN-83337E Datasheet
174Kb / 2P
Electronic, 3 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com