Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC031 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC031
Description  CONN 75OHM BNCM RG59 CRMP TFE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC031 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC031 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.355±.010 9±0.254
.250±.010 6.4±0.254
.68 17.1
1.00 25.5
.324 8.2
.256 6.5
RECOMMENDED
STRIP DIMENSIONS
NOTES:
1. CHARACTERISTIC IMPEDANCE: 75 OHMS
2. RECOMMENDED APPLICATION: RG59 PLENUM COAXIAL CABLE
RECOMMENDED
FERRULE CRIMP SIZE
NOTES:
MATERIAL:
BODY: BRASS
DIELECTRIC: ACETAL
CENTER PIN: BRASS
FINISH:
BODY: NICKEL PLATE
CENTER PIN: GOLD PLATE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC031
C
BAC031.SLDDRW
1
1
MCCORMICK
11/05/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
ENG
R.CARRICK
11/05/01
11/05/01
11/08/01
A
B
RELEASED FOR PRODUCTION
UPDATED DRAWING PER ECN# 1204
09/27/02
MCCORMICK
MCCORMICK
C
ECN 3139: UPDATE DWG FORMAT
1/4/08.
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN 75OHM BNCM RG59 CRMP TFE
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BAC031

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC030 L-COM-BAC030 Datasheet
76Kb / 1P
BNC CONNECTOR, 75 OHM
11/05/2001
BAC032 L-COM-BAC032 Datasheet
97Kb / 1P
75 OHM BNC CONNECTOR
04/30/2001
BAC033 L-COM-BAC033 Datasheet
139Kb / 1P
CONN 75 OHM BNC M RG59 SOLDER
11/02/2001
More results

Similar Description - BAC031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73052 SANYO-LA73052 Datasheet
252Kb / 6P
4ch 75ohm Video Driver
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
3ch 75ohm driver
BA7666FS ROHM-BA7666FS_1 Datasheet
180Kb / 6P
3 channel 75ohm driver
logo
Tyco Electronics
ELDC-6LI MACOM-ELDC-6LI Datasheet
156Kb / 2P
E-Series 75Ohm Coupler 50-870MHz
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
6dB Amplifier with 75OHM Driver
MM1671 TGS-MM1671 Datasheet
426Kb / 11P
Low Supply Voltage 75OHM Driver
logo
M/A-COM Technology Solu...
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650 Datasheet
173Kb / 3P
16dB 75Ohm Coupler
MACP-009821-CG0650 MA-COM-MACP-009821-CG0650_15 Datasheet
173Kb / 3P
16dB 75Ohm Coupler
logo
Adam Technologies, Inc.
RF4-23-X-05-75 ADAM-TECH-RF4-23-X-05-75 Datasheet
117Kb / 1P
F MALE FOR RG59
logo
Belden Inc.
83337E BELDEN-83337E Datasheet
174Kb / 2P
Electronic, 3 C #16 Str SPC, TFE Ins, OA SPC Brd, TFE Tape Jkt,
01-20-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com