Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC520 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC520
Description  CONN TYPE F F BHD RG59 CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC520 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC520 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+0.1
0.0
9.50
.000
.374+-
.004
.343
8.70
.068
1.73
.255
6.48
2.8
.11
.10
2.5
.30
7.7
E
RECOMMENDED
JACKET STRIPPING
NOTES:
MATERIAL:
CONNECTOR BODY: BRASS
INSULATOR: PTFE
PIN: BRASS
FERRULE: BRASS
LOCK WASHER: STEEL
NUT: BRASS
FINISH:
CONNECTOR BODY: NICKEL PLATE
PIN: GOLD OVER NICKEL PLATE
FERRULE: NICKEL PLATE
LOCK WASHER: NICKEL PLATE
NUT: NICKEL PLATE
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY
COMPONENT APPLICATION FOR RG59
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
8
A
UNLESS OTHERWISE SPECIFIED,
R.POLUBINSKI
43321
6
APPROVED BY
08/16/07
PRODUCT DESCRIPTION
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
PROJECTION
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
MAY VARY
NORTH ANDOVER, MA
UNDIMENSIONED FEATURES
MAY OCCUR
08/07/07
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
APPROVED
4
DATE
5
DIMENSIONS ARE IN INCHES [mm]
7
NONE
E
11
J.ROBERTS
AUDIO/VIDEO
BAC520
REVISIONS
BAC520.SLDDRW
DESCRIPTION
CONN TYPE F F BHD RG59 CRIMP
REV
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
D.FRISIELLO
9/30/08
11/9/15
E
ECN 8167: REVISED TO NEW VENDOR SPEC.
D.FRISIELLO
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
COLOR VARIATIONS
1
2
3
4
5
6
7
3
CATEGORY
FSCM NO.
8
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
BODY
PIN
3/8"-32 UNEF
FERRULE
1.20
30.5
12.8
.50
.43
11.0
NUT
WASHER
RECOMMENDED
PANEL CUTOUT
E
RECOMMENDED
PIN CRIMP SIZE
RECOMMENDED
FERRULE CRIMP SIZE


Similar Part No. - BAC520

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC529 L-COM-BAC529 Datasheet
48Kb / 1P
CONN SEALED F M RG6 CRIMP
09/17/07
More results

Similar Description - BAC520

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44317 PASTERNACK-PE44317 Datasheet
243Kb / 2P
75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector
logo
Tripp Lite. All Rights ...
A200006 TRIPPLITE-A200006 Datasheet
490Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft
A200012 TRIPPLITE-A200012 Datasheet
486Kb / 2P
RG59 Coax Cable with F-Type Connectors, 12-ft
A200025 TRIPPLITE-A200025 Datasheet
487Kb / 2P
RG59 Coax Cable with F-Type Connectors, 25-ft
logo
Adam Technologies, Inc.
RF4-23-X-05-75 ADAM-TECH-RF4-23-X-05-75 Datasheet
117Kb / 1P
F MALE FOR RG59
logo
Pasternack Enterprises,...
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
logo
Tripp Lite. All Rights ...
A200-006 TRIPPLITE-A200-006 Datasheet
159Kb / 2P
RG59 Coax Cable with F-Type Connectors, 6-ft.
A200-012 TRIPPLITE-A200-012 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 12-ft.
A200-025 TRIPPLITE-A200-025 Datasheet
158Kb / 2P
RG59 Coax Cable with F-Type Connectors, 25-ft.
logo
List of Unclassifed Man...
12047662 ETC-12047662 Datasheet
92Kb / 1P
TAXI CONN F M/P 150
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com