Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC529 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC529
Description  CONN SEALED F M RG6 CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC529 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC529 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.361 9.17
.53 13.5
7.5
.30
.77 19.5
RoHS Compliant 
3. IMPEDANCE: 75 OHM
2. RECOMMENDED APPLICATION: RG6 & RG6QS COAXIAL CABLE.
1. BRAID SHIELD FROM 40% TO QUAD.
5. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
6. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RECOMMENDED
FERRULE
CRIMP SIZE
NOTES:
DIMENSIONS
CABLE STRIPPING
RECOMMENDED
4. O-RING BETWEEN CONNECTOR AND BODY PLUS SILICONE.
DESCRIPTION
MATERIAL
FINISH
SHELL
BRASS
NICKEL PLATE
BODY
BRASS
NICKEL PLATE
O-RING
EPDM
--
A
B
C
R.POLUBINSKI
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
MAY OCCUR
8
BAC529
D
BAC529.SLDDRW
11
09/18/07
REVISIONS
DESCRIPTION
APPROVED
REV
D.FRISIELLO
DATE
D.PARHAM
09/18/07
3/22/13
D
ECN 6750: REVISED CONNECTOR TO NEW VENDOR
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
09/17/07
CONN SEALED F M RG6 CRIMP
COAXIAL
PROJECTION
43321
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
.81 20.5
.43 10.8
11
.43
.19 4.9


Similar Part No. - BAC529

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC520 L-COM-BAC520 Datasheet
48Kb / 1P
CONN TYPE F F BHD RG59 CRIMP
08/07/07
More results

Similar Description - BAC529

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Assmann Electronics Inc...
A-HDS26-HOOD-WP-R ASSMANN-A-HDS26-HOOD-WP-R Datasheet
121Kb / 1P
D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44324 PASTERNACK-PE44324 Datasheet
225Kb / 3P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG6-CATV
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE36132 PASTERNACK-PE36132 Datasheet
102Kb / 1P
CABLE ASSEMBLY, RG6-CATV, F MALE TO F MALE
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
logo
Amphenol Corporation
BB-02PMFP-LC7001 AMPHENOL-BB-02PMFP-LC7001 Datasheet
99Kb / 1P
Standard, Pannel Lock 2Pin M Conn F Pin
2019-02-19
logo
List of Unclassifed Man...
12047662 ETC-12047662 Datasheet
92Kb / 1P
TAXI CONN F M/P 150
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com