Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC549 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC549
Description  BNC JACK 75 OHM RG179 CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC549 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC549 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P. MCNEIL
.213
5.41
.068
1.73
.46
11.7
1.02
26.0
.126
3.20
.185
4.70
.374
9.50
.25
6.3
.20
5.0
D
.020+-
.004
.000
.50+.10
.00
.54
13.7
.16
4.0
.091
2.30
.039
1.00
.114
2.90
.024
.60
.31
8.0
.067
1.70
.118
3.00
.47
12.0
.205
5.20
.248
6.30
.118
3.00
.157
4.00
.14
3.5
.33
8.5
.421+-
.008
.000
10.7+.2
.0
RECOMMENDED CABLE
STRIPPING
D
RECOMMENDED FERRULE&PIN
CRIMP SIZE
NOTES:
ELECTRICAL:
IMPEDANCE: 75 OHMS
FREQUENCY RANGE: DC~4GHz
CONTACT RESISTANCE: CENTER PIN IS LESS THAN 1 mOHMS AND
OUTER CONTACT IS LESS THAN 3 mOHM.
INSULATION RESISTANCE: 5000 mOHMS.
VOLTAGE WITHSTAND: 1500 V
OPERATING TEMPERATURE: -30~+85 C
MECHANICAL:
DURABILITY: 500 CYCLES.
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
D
D
D
D
D
D
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
INSULATOR
PTFE
-
SLEEVE
BRASS
NICKEL
FERRULE
BRASS
NICKEL
CONTACT PIN
PHOSPHOR BRONZE
GOLD
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC549
D
1
1
D. FRISIELLO
1/26/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
1/26/10
1/26/10
A
B
CN RELEASE
ECN 9071: UPDATE DIM'S AND NOTES
02/10/18
D.GRIFFIN
S.LI
C
ECN 10652: UPT DIM'S AND NOTES
08/20/2020 MBLACKWOOD
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 11308: UPT DIM'S AND NOTES
08/26/2021 S.RAUTUS
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
BNC JACK 75 OHM RG179 CRIMP
COAXIAL
UNLESS OTHERWISE SPECIFIED,
REF
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
1/26/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: BAC549.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]


Similar Part No. - BAC549

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC543 L-COM-BAC543 Datasheet
47Kb / 1P
75 OHM RIGHT ANGLE BNC PLUG
2/23/07
More results

Similar Description - BAC549

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2022-2-9 WINCHESTER-SD2022-2-9 Datasheet
50Kb / 1P
JACK, BULKHEAD, 75 OHM BNC
logo
Pasternack Enterprises,...
PE4604 PASTERNACK-PE4604 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179, RG187
PE4616 PASTERNACK-PE4616 Datasheet
237Kb / 3P
75 Ohm BNC Female Connector Crimp/Solder Attachment For RG179, RG187
PE44629 PASTERNACK-PE44629 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG179-DS, 179DT
logo
Winchester Electronics ...
2022-19-29 WINCHESTER-2022-19-29 Datasheet
100Kb / 1P
JACK, BULKHEAD 75 OHM BNC
logo
Pasternack Enterprises,...
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
logo
Molex Electronics Ltd.
0731000178 MOLEX-0731000178_V01 Datasheet
46Kb / 1P
75 Ohms, BNC Straight Jack for RG179 Cable, Bag
logo
Samtec, Inc
BNC7T-P-C-XX-ST-CA3XX SAMTEC-BNC7T-P-C-XX-ST-CA3XX Datasheet
349Kb / 2P
TRUE 75 OHM, BNC STRAIGHT PLUG, RG179
06/19/2008
logo
Molex Electronics Ltd.
SD-73171-297 MOLEX-SD-73171-297 Datasheet
265Kb / 4P
BNC JACK, NON-STANDARD INTERF RG179 IP68 75 OHM EWR-3276, BNC-JC/BK
2007/01/17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com