Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAC706 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC706
Description  CONN BNC M RA RG58B/U CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC706 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC706 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
1.12
28.4
1.38
35.0
FERRULE
CENTER PIN
BODY
.256
6.50
.068
1.73
RECOMMENDED
FERRULE CRIMP SIZE
RECOMMENDED
PIN CRIMP SIZE
.56
14.1
.26
6.5
.16
4.0
RECOMMENDED
CABLE STRIPPING
NOTES:
ELECTRICAL:
IMPEDANCE: 75 OHMS.
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
APPLICATION:
RG59B/U & RG62 CABLE ASSEMBLIES
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
FERRULE
BRASS
NICKEL
CENTER PIN
BRASS
GOLD
INSULATOR
ACETAL
WHITE
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
H
ECO-12830
07/25/2023
LNAGARAJ
SRAUTUS
ITEM NO.
1
1
REV
CAGE CODE
SIZE
A
OF
DRAWN BY
BAC706
H
T-Rev.D3
DESCRIPTION
CONN BNC M RA RG58B/U CRIMP
SRAUTUS
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN
PART OR WHOLE WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED.
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE
EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - BAC706

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC700-59 L-COM-BAC700-59 Datasheet
39Kb / 1P
RCA MALE CONNECTOR FOR RG59
04/17/07
More results

Similar Description - BAC706

ManufacturerPart #DatasheetDescription
logo
ITT Industries
167000-1413 ITT-167000-1413 Datasheet
44Kb / 1P
OUTER FERRULE, FOR 75-OHM BNC CRIMP CONN
logo
Pasternack Enterprises,...
PE3042-12 PASTERNACK-PE3042-12 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042-24 PASTERNACK-PE3042-24 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042-36 PASTERNACK-PE3042-36 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042-48 PASTERNACK-PE3042-48 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042-60 PASTERNACK-PE3042-60 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042-72 PASTERNACK-PE3042-72 Datasheet
163Kb / 1P
cable assembly, rg58b/u, bnc male to n male
PE3042LF-12 PASTERNACK-PE3042LF-12 Datasheet
149Kb / 1P
cable assembly, rg58b/u, bnc male to n male(lead free)
PE3042LF-24 PASTERNACK-PE3042LF-24 Datasheet
149Kb / 1P
cable assembly, rg58b/u, bnc male to n male(lead free)
PE3042LF-36 PASTERNACK-PE3042LF-36 Datasheet
149Kb / 1P
cable assembly, rg58b/u, bnc male to n male(lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com