Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX72M Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RX72M
Description  Renesas MCUs
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX72M Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RX72M Datasheet HTML 9Page - Renesas Technology Corp RX72M Datasheet HTML 10Page - Renesas Technology Corp RX72M Datasheet HTML 11Page - Renesas Technology Corp RX72M Datasheet HTML 12Page - Renesas Technology Corp RX72M Datasheet HTML 13Page - Renesas Technology Corp RX72M Datasheet HTML 14Page - Renesas Technology Corp RX72M Datasheet HTML 15Page - Renesas Technology Corp RX72M Datasheet HTML 16Page - Renesas Technology Corp RX72M Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 180 page
background image
RX72M Group
1. Overview
R01DS0332EJ0120 Rev.1.20
Page 13 of 180
Nov 15, 2023
Table 1.2
Comparison of Functions for Different Packages (1/2)
Functions
RX72M
Package
224 Pins
176 Pins
144 Pins
100 Pins
External bus
External bus width
32 bits/16 bits/8 bits
16 bits/8 bits
Not available
SDRAM area controller
Available
Not available
DMA
DMA controller
Ch. 0 to 7
Data transfer controller
Available
EXDMA controller
Ch. 0 and 1
Not available
Timers
16-bit timer pulse unit
Ch. 0 to 5
Multi-function timer pulse unit 3
Ch. 0 to 8
General PWM timer
Ch. 0 to 3
Port output enable 3
Available
Port output enable for GPTW
Available
Programmable pulse generator
Ch. 0 and 1
8-bit timers
Ch. 0 to 3
Compare match timer
Ch. 0 to 3
Compare match timer W
Ch. 0 and 1
Not available
Realtime clock
Available
Watchdog timer
Available
Independent watchdog timer
Available
Communication
function
Ethernet controller
Ch. 0 and 1
PHY management interface
Ch. 0 and 1
PTP controller for the ethernet
controller
Available
DMA controller for the ethernet
controller
Ch. 0 and 1 (ETHERC)
Ch. 2 (EPTPC)
EtherCAT slave controller
Ch. 0 and 1
USB 2.0 FS host/function module
Ch. 0
Serial communications interfaces (SCIj)
Ch. 0 to 6
Serial communications interfaces (SCIi)
Ch. 7 to 11
Serial communications interfaces
(SCIh)
Ch. 12
Not available
I2C bus interfaces
Ch. 0 to 2
Ch. 1 and 2
Serial peripheral interface
Ch. 0 to 2
Ch. 1
CAN module
Ch. 0 to 2
Quad serial peripheral interface
Ch. 0
Not available
Expansion serial sound interface
Ch. 0 and 1
SD host interface
Ch. 0
Not available
Multimediacard interface
Ch. 0
Not available
Parallel data capture unit
Available
Not available
Graphics
Graphic-LCD controller
Available
Not available
2D drawing engine
Available
Not available
12-bit A/D
converter
Unit 0
AN000 to 007 (8 channels)
AN000 to 004
(5 channels)
AN000 to 002
(3 channels)
Unit 1
AN100 to 120 (21 channels)
AN101 to 103,
106, 107, 109,
110, 114 to 118
(12 channels)
12-bit D/A converter
Ch. 0 and 1
Not available
Temperature sensor
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com