Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1622 Datasheet(PDF) 3 Page - EPCOS

Part # B1622
Description  SAW RF low loss filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1622 Datasheet(HTML) 3 Page - EPCOS

  B1622 Datasheet HTML 1Page - EPCOS B1622 Datasheet HTML 2Page - EPCOS B1622 Datasheet HTML 3Page - EPCOS B1622 Datasheet HTML 4Page - EPCOS B1622 Datasheet HTML 5Page - EPCOS B1622 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
October 30, 2006
B1622
1680.00 MHz
SAW Components
SAW RF low loss filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –20 ˚C to +80 ˚C
Terminating source impedance:
ZS =150 Ω
Terminating load impedance:
ZL = 150 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
1680.00
—
MHz
Maximum insertion attenuation
α
max
1660.00 ... 1700.00 MHz
—
4.7
5.5
dB
Pass bandwidth
α
rel < 1.5 dB
B1.5 dB
—
64.0
—
MHz
Amplitude ripple (p-p)
∆α
1660.00 ... 1700.00 MHz
—
2.3
2.5
dB
Group delay ripple (p-p)
∆τ
1660.00 ... 1700.00 MHz
—
13.0
18.0
ns
Deviation from linear phase (rms)
in any 30 MHz band
1660.00 ... 1700.00 MHz
—
2.7
3.5
˚
Relative attenuation (relative to
α
max)
α
50.00 ... 1598.00 MHz
45.0
49.0
—
dB
1762.00 ... 1790.00 MHz
36.0
41.0
—
dB
1790.00 ... 2000.00 MHz
48.0
58.0
—
dB
2000.00 ... 6000.00 MHz
15.0
—
—
dB
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0V
Source power
PS
0
dBm
source impedance 150
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com