Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MLGDFP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F564MLGDFP
Description  Renesas MCUs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MLGDFP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F564MLGDFP Datasheet HTML 63Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 64Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 65Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 66Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 67Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 68Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 69Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 70Page - Renesas Technology Corp R5F564MLGDFP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 162 page
background image
R01DS0173EJ0120 Rev.1.20
Page 67 of 162
Oct 20, 2022
RX64M Group
2. Electrical Characteristics
2.2
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. P07, P11 to P17, P20, P21, P30 to P33, P67, and PC0 to PC3 are 5 V tolerant.
Note 3. For P32, P31, and P30, input as follows when the VBATT power supply is selected.
VIH Min. = VBATT × 0.8, VIH Max. = VBATT + 0.3, VIL Min. = –0.3, VIL Max. = VBATT × 0.2 (VBATT = 2.0 to 3.6 V)
Table 2.3
DC Characteristics (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
GPT input pin*1
POE3 input pin*1
TPU input pin*1
TMR input pin*1
SCI input pin*1
ADTRG# input pin*1
RES#, NMI
VIH
0.8 × VCC
—
VCC + 0.3
V
VIL
–0.3
—
0.2 × VCC
ΔV
T
0.06 × VCC
—
—
RIIC input pin
(except for SMBus)
VIH
0.7 × VCC
—
VCC + 3.6
(
≤ 5.8 max.)
VIL
–0.3
—
0.3 × VCC
ΔV
T
0.05 × VCC
—
—
Ports for 5 V tolerant*2
VIH
0.8 × VCC
—
VCC + 3.6
(
≤ 5.8 max.)
VIL
–0.3
—
0.2 × VCC
Other input pins excluding
ports for 5 V tolerant*3
VIH
0.8 × VCC
—
VCC + 0.3
VIL
–0.3
—
0.2 × VCC
Input high voltage
(except for
Schmitt trigger
input pin)
MD pin, EMLE
VIH
0.9 × VCC
—
VCC + 0.3
V
EXTAL, RSPI input pin,
EXDMAC input pin, WAIT#,
TCK, SSI input pin,
SDHI input pin, MMC input pin,
PDC input pin, QSPI input pin
0.8 × VCC
—
VCC + 0.3
ETHERC input pin
2.3
—
VCC + 0.3
D0 to D31
0.7 × VCC
—
VCC + 0.3
RIIC (SMBus)
2.1
—
5.8
Input low voltage
(except for
Schmitt trigger
input pin)
MD pin, EMLE
VIL
–0.3
—
0.1 × VCC
V
EXTAL, RSPI input pin,
ETHERC input pin, EXDMAC
input pin, WAIT#, TCK, SSI
input pin,
SDHI input pin, MMC input pin,
PDC input pin, QSPI input pin
–0.3
—
0.2 × VCC
D0 to D31
–0.3
—
0.3 × VCC
RIIC (SMBus)
–0.3
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com