Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21990BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADSP-21990BSTZ
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADSP-21990BSTZ Datasheet HTML 42Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 43Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 44Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 45Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 46Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 47Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 48Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 49Page - Analog Devices ADSP-21990BSTZ Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
ADSP-21990
Rev. A
|
Page 49 of 50
|
August 2007
ORDERING GUIDE
Figure 23. 176-Lead LQFP (ST-176)
Model
Temperature Range
1
1 Referenced temperature is ambient temperature.
Instruction Rate Operating Voltage Package Description
Package Option
ADSP-21990BBC
–40 C to +85 C
150 MHz
2.5 Int. V/3.3 Ext. V
196-Ball CSP_BGA
BC-196-2
ADSP-21990BST
–40 C to +85 C
160 MHz
2.5 Int. V/3.3 Ext. V
176-Lead LQFP
ST-176
ADSP-21990BSTZ2
2 Z = RoHS Compliant Part.
–40 C to +85 C
160 MHz
2.5 Int. V/3.3 Ext. V
176-Lead LQFP
ST-176
176-LEAD LOW PROFILE QUAD FLAT PACKAGE [LQFP] ST-176
NOTES:
1. ACTUAL POSITION OF EACH LEAD IS WITHIN 0.08 OF ITS IDEAL POSITION,
WHEN MEASURED IN THE LATERAL DIRECTION.
2. CENTER DIMENSIONS ARE NOMINAL.
3. DIMENSIONS COMPLY WITH JEDEC STANDARD MS-026-BGA
TOP VIEW
(PINS DOWN)
133
1
132
45
44
88
89
176
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
1.45
1.40
1.35
0.15
0.05
0.20
0.09
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
26.20
26.00 SQ
25.80
24.20
24.00 SQ
23.80
DIMENSIONS SHOWN IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com