Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13007 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJE13007
Description  SILICON NPN SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE13007 Datasheet(HTML) 1 Page - STMicroelectronics

  MJE13007 Datasheet HTML 1Page - STMicroelectronics MJE13007 Datasheet HTML 2Page - STMicroelectronics MJE13007 Datasheet HTML 3Page - STMicroelectronics MJE13007 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJE13007
SILICON NPN SWITCHING TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPE
s
NPN TRANSISTOR
s
HIGH CURRENT CAPABILITY
APPLICATIONS
s
SWITCHING REGULATORS
s
MOTOR CONTROL
DESCRIPTION
The MJE13007 is a silicon multiepitaxial mesa
NPN power transistor mounted in Jedec TO-220
plastic package.
It is are inteded for use in motor control, switching
regulators etc.
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCEV
Collector-Emit ter Voltage (VBE = -1.5V)
700
V
VCEO
Collector-Emit ter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC =0)
9
V
IC
Collector Current
8
A
ICM
Collector Peak Current
16
A
IB
Base Current
4
A
IBM
Base Peak Current
8
A
IE
Emitter Current
12
A
IEM
Emitter Peak Current
24
A
Ptot
Tot al Dissipation at Tc
≤ 25 oC80
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1
2
3
TO-220
1/4


Similar Part No. - MJE13007

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE13007 MOSPEC-MJE13007 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
logo
Motorola, Inc
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
logo
ON Semiconductor
MJE13007 ONSEMI-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR
May, 2001 ??Rev. 3
logo
Wing Shing Computer Com...
MJE13007 WINGS-MJE13007 Datasheet
87Kb / 1P
NPN SILICON TRANSISTOR(ELECTRONIC TRANSFORMERS , POWER SWICHING CIRCUIT)
logo
KEC(Korea Electronics)
MJE13007 KEC-MJE13007 Datasheet
262Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER)
More results

Similar Description - MJE13007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406 Datasheet
67Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1997
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com