Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ_T2M Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RZ_T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ_T2M Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RZ_T2M Datasheet HTML 53Page - Renesas Technology Corp RZ_T2M Datasheet HTML 54Page - Renesas Technology Corp RZ_T2M Datasheet HTML 55Page - Renesas Technology Corp RZ_T2M Datasheet HTML 56Page - Renesas Technology Corp RZ_T2M Datasheet HTML 57Page - Renesas Technology Corp RZ_T2M Datasheet HTML 58Page - Renesas Technology Corp RZ_T2M Datasheet HTML 59Page - Renesas Technology Corp RZ_T2M Datasheet HTML 60Page - Renesas Technology Corp RZ_T2M Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
2.5.2
Reset, Interrupt, and Mode Timing
Table 2.20
Reset, interrupt, and mode timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
RES# pulse width
At power on
tdlyreset
Figure 2.7
10
—
—
ms
Other than above
tdlyreset2
1
—
—
ms
RES# rising time
trisereset
—
—
150
µs
TRST# pulse width
At power on
tdlyreset
10
—
—
ms
Other than above
tdlyreset2
1
—
—
ms
TRST# rising time
trisereset
—
—
150
µs
NMI pulse width
Level detection
tNMIW
Figure 2.8
tIcyc × 2*1
—
—
ns
Edge detection
tPMcyc × 3.5*2 *3
—
—
ns
IRQ pulse width
Level detection
tIRQW
Figure 2.9
tIcyc × 2*1
—
—
ns
Edge detection
tPMcyc × 3.5*2 *3
—
—
ns
Mode hold time (to RES#) At power on
tMDH
Figure 2.10
250
—
—
ns
Note 1. tIcyc: ICLK cycle
Note 2. tPMcyc: PCLKM cycle
Note 3. This value is when noise filter sampling frequency divided rate is 1. In other cases, it is [clock division rate] × tPMcyc × 3.5.
RES#
TRST#
tdlyreset, tdlyreset2
VIL33
VIL33
VIH33
trisereset
Figure 2.7
Reset input timing
NMI
tNMIW
Figure 2.8
NMI interrupt input timing
IRQ0 to IRQ15
tIRQW
Figure 2.9
IRQ interrupt input timing
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 57 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com