Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE170HV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC03DE170HV
Description  Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE170HV Datasheet(HTML) 1 Page - STMicroelectronics

  STC03DE170HV Datasheet HTML 1Page - STMicroelectronics STC03DE170HV Datasheet HTML 2Page - STMicroelectronics STC03DE170HV Datasheet HTML 3Page - STMicroelectronics STC03DE170HV Datasheet HTML 4Page - STMicroelectronics STC03DE170HV Datasheet HTML 5Page - STMicroelectronics STC03DE170HV Datasheet HTML 6Page - STMicroelectronics STC03DE170HV Datasheet HTML 7Page - STMicroelectronics STC03DE170HV Datasheet HTML 8Page - STMicroelectronics STC03DE170HV Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2007
Rev 2
1/9
9
Table 1.
Device summary
Order code
Marking
Package
Packaging
STC03DE170HV
C03DE170HV
TO247-4L HV
Tube
STC03DE170HV
Hybrid emitter switched bipolar transistor
ESBT® 1700V - 3A - 0.33 W
Features
■
Low equivalent on resistance
■
Very fast-switch, up to 150 kHz
■
Squared RBSOA, up to 1700V
■
Very low CISS driven by RG = 47 Ω
Applications
■
Aux SMPS for three phase mains
Description
The STC03DE170HV is manufactured in a hybrid
structure, using dedicated high voltage Bipolar
and low voltage MOSFET technologies, aimed to
providing the best performance in ESBT topology.
The STC03DE170HV is designed for use in aux
flyback smps for any three phase application.
Applications
■
Aux SMPS for three phase mains
Figure 1.
Internal schematic diagrams
VCS(ON)
IC
RCS(ON)
1 V
3 A
0.33
Ω
TO247-4L HV
1
2
3
4
www.st.com


Similar Part No. - STC03DE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
21-Jan-2005
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
More results

Similar Description - STC03DE170HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
Emitter switched bipolar transistor ESBT® 1700V - 4A - 0.17 W
11-Sep-2006
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
26-Sep-2006
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
26-Sep-2006
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
27-Nov-2006
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
21-Nov-2006
STC03DE170HP STMICROELECTRONICS-STC03DE170HP_07 Datasheet
281Kb / 9P
Hybrid emitter switched bipolar transistor ESBT® 1700V - 3A - 0.33 W
16-Jul-2007
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
19-May-2008
STC04IE170HV_0611 STMICROELECTRONICS-STC04IE170HV_0611 Datasheet
255Kb / 11P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-Nov-2006
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
21-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com